Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMF-6104NB-FW Datasheet(PDF) 10 Page - OPTREX CORPORATION

No. de pieza DMF-6104NB-FW
Descripción Electrónicos  LCD Module Specification
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OPTREX [OPTREX CORPORATION]
Página de inicio  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION

DMF-6104NB-FW Datasheet(HTML) 10 Page - OPTREX CORPORATION

Back Button DMF-6104NB-FW Datasheet HTML 6Page - OPTREX CORPORATION DMF-6104NB-FW Datasheet HTML 7Page - OPTREX CORPORATION DMF-6104NB-FW Datasheet HTML 8Page - OPTREX CORPORATION DMF-6104NB-FW Datasheet HTML 9Page - OPTREX CORPORATION DMF-6104NB-FW Datasheet HTML 10Page - OPTREX CORPORATION DMF-6104NB-FW Datasheet HTML 11Page - OPTREX CORPORATION DMF-6104NB-FW Datasheet HTML 12Page - OPTREX CORPORATION DMF-6104NB-FW Datasheet HTML 13Page - OPTREX CORPORATION DMF-6104NB-FW Datasheet HTML 14Page - OPTREX CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
DMF6104NB-FW
(AA)
No.97-0138
OPTREX CORPORATION
Page 10/17
OPTREX
4.I/O Terminal
4.1.Pin Assignment
No.
Symbol
Level
Function
1
VCC
Power Supply for Logic
2
VSS
Power Supply (0V, GND)
3
VEE
Power Supply for LCD Drive
4
LP
H→L
Data Latch Signal
5
M
H / L
Alternate Signal for LCD Drive
6
DISPOFF
H / L
Display Control Signal
H : Display on
L : Display off
7
NC
Non-connection
8
FLM
H / L
First Line Marker
9
CP
H→L
Clock Signal for Shifting Data
10
NC
Non-connection
11
D0
H / L
Display Data
12
D1
H / L
Display Data
13
D2
H / L
Display Data
14
D3
H / L
Display Data
15
FL
Power Supply for CFL (HOT)
16
FL (GND)
Power Supply for CFL (GND)
4.2.Example of Power Supply
It is recommended to apply a potentiometer for the contrast adjust due to the tolerance
of the driving voltage and its temperature dependence.
VSS
MODULE
VEE
VCC
VEE (-Voltage)
VCC (+Voltage)
Tr=2SA1202 or equivalent
R1+R2+VR=10~20KΩ
VSS (0V)
R2
R1
VR
Tr


Número de pieza similar - DMF-6104NB-FW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Merrimac Industries, In...
DMF-6A-1500 MERRIMAC-DMF-6A-1500 Datasheet
1Mb / 1P
   DOUBLE BALANCED MIXER
More results

Descripción similar - DMF-6104NB-FW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OPTREX CORPORATION
DMC20261NYJ-LY-BCE OPTREX-DMC20261NYJ-LY-BCE Datasheet
179Kb / 16P
   LCD Module Specification
DMC20481NY-LY-AGE OPTREX-DMC20481NY-LY-AGE Datasheet
180Kb / 16P
   LCD Module Specification
DM16207H OPTREX-DM16207H Datasheet
164Kb / 15P
   LCD Module Specification
logo
OPTEK Technologies
DMC20261NY-LY-AXE OPTEK-DMC20261NY-LY-AXE Datasheet
178Kb / 16P
   LCD Module Specification
DMC50448 OPTEK-DMC50448 Datasheet
169Kb / 15P
   LCD Module Specification
logo
OPTREX CORPORATION
DMC16205 OPTREX-DMC16205 Datasheet
165Kb / 15P
   LCD Module Specification
logo
List of Unclassifed Man...
AT043TN13 ETC2-AT043TN13 Datasheet
408Kb / 25P
   LCD MODULE SPECIFICATION
ST50AN01 ETC1-ST50AN01 Datasheet
148Kb / 8P
   LCD MODULE SPECIFICATION
GM123210SFSYB-01 ETC-GM123210SFSYB-01 Datasheet
218Kb / 20P
   LCD MODULE SPECIFICATION
GM126414FRNNB-01 ETC-GM126414FRNNB-01 Datasheet
837Kb / 23P
   LCD MODULE SPECIFICATION
logo
OPTREX CORPORATION
F-51167NCU-FW-AB OPTREX-F-51167NCU-FW-AB Datasheet
281Kb / 17P
   LCD Module Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com