Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7524LP Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD7524LP
Descripción Electrónicos  CMOS 8-Bit Buffered Multiplying DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7524LP Datasheet(HTML) 4 Page - Analog Devices

  AD7524LP Datasheet HTML 1Page - Analog Devices AD7524LP Datasheet HTML 2Page - Analog Devices AD7524LP Datasheet HTML 3Page - Analog Devices AD7524LP Datasheet HTML 4Page - Analog Devices AD7524LP Datasheet HTML 5Page - Analog Devices AD7524LP Datasheet HTML 6Page - Analog Devices AD7524LP Datasheet HTML 7Page - Analog Devices AD7524LP Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD7524
REV. B
–4–
WRITE MODE
When CS and WR are both LOW, the AD7524 is in the
WRITE mode, and the AD7524 analog output responds to data
activity at the DB0–DB7 data bus inputs. In this mode, the
AD7524 acts like a nonlatched input D/A converter.
HOLD MODE
When either CS or WR is HIGH, the AD7524 is in the HOLD
mode. The AD7524 analog output holds the value correspond-
ing to the last digital input present at DB0–DB7 prior to WR or
CS
assuming the HIGH state.
MODE SELECTION TABLE
CS
WR
Mode
DAC Response
L
L
Write
DAC responds to data bus
(DB0–DB7) inputs.
H
X
Hold
Data bus (DB0–DB7) is
Locked Out:
X
H
Hold
DAC holds last data present
when WR or CS assumed
HIGH state.
L = Low State, H = High State, X = Don't Care.
WRITE CYCLE TIMING DIAGRAM
Figure 3. Supply Current vs. Logic Level
Typical plots of supply current, IDD, versus logic input voltage,
VIN, for VDD = +5 V and VDD = +15 V are shown above.
CIRCUIT DESCRIPTION
CIRCUIT INFORMATION
The AD7524, an 8-bit multiplying D/A converter, consists of a
highly stable thin film R-2R ladder and eight N-channel current
switches on a monolithic chip. Most applications require the
addition of only an output operational amplifier and a voltage
or current reference.
The simplified D/A circuit is shown in Figure 1. An inverted
R-2R ladder structure is used—that is, the binarily weighted
currents are switched between the OUT1 and OUT2 bus lines,
thus maintaining a constant current in each ladder leg indepen-
dent of the switch state.
Figure 1. Functional Diagram
EQUIVALENT CIRCUIT ANALYSIS
The equivalent circuit for all digital inputs LOW is shown in
Figures 2. In Figure 2 with all digital inputs LOW, the refer-
ence current is switched to OUT2. The current source ILEAKAGE
is composed of surface and junction leakages to the substrate
while the
1
256
current source represents a constant 1-bit cur-
rent drain through the termination resistor on the R-2R ladder.
The “ON” capacitance of the output N-channel switches is
120 pF, as shown on the OUT2 terminal. The “OFF” switch
capacitance is 30 pF, as shown on the OUT1 terminal. Analysis
of the circuit for all digital inputs high is similar to Figure 2
however, the “ON” switches are now on terminal OUT1, hence
the 120 pF appears at that terminal.
Figure 2. AD7524 DAC Equivalent Circuit—All Digital
Inputs Low
INTERFACE LOGIC INFORMATION
MODE SELECTION
AD7524 mode selection is controlled by the CS and WR inputs.


Número de pieza similar - AD7524LP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7524LP AD-AD7524LP Datasheet
162Kb / 8P
   CMOS 8-Bit Buffered Multiplying DAC
REV. B
AD7524LP AD-AD7524LP Datasheet
165Kb / 8P
   CMOS 8-Bit Buffered Multiplying DAC
REV. B
AD7524LP AD-AD7524LP Datasheet
196Kb / 9P
   CMOS 8-Bit Buffered Multiplying DAC
More results

Descripción similar - AD7524LP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7524 AD-AD7524_17 Datasheet
196Kb / 9P
   CMOS 8-Bit Buffered Multiplying DAC
AD7524 AD-AD7524 Datasheet
162Kb / 8P
   CMOS 8-Bit Buffered Multiplying DAC
REV. B
AD7524JRZ AD-AD7524JRZ Datasheet
165Kb / 8P
   CMOS 8-Bit Buffered Multiplying DAC
REV. B
AD7528 AD-AD7528 Datasheet
188Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528JP-REEL AD-AD7528JP-REEL Datasheet
191Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528 AD-AD7528_15 Datasheet
191Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7628 AD-AD7628_15 Datasheet
196Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. A
5962-87701032A AD-5962-87701032A Datasheet
174Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7628 AD-AD7628 Datasheet
193Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. A
AD7528JRZ AD-AD7528JRZ Datasheet
191Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com