Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7492ARUZ-5-REEL71 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD7492ARUZ-5-REEL71
Descripción Electrónicos  1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7492ARUZ-5-REEL71 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7492ARUZ-5-REEL71 Datasheet HTML 6Page - Analog Devices AD7492ARUZ-5-REEL71 Datasheet HTML 7Page - Analog Devices AD7492ARUZ-5-REEL71 Datasheet HTML 8Page - Analog Devices AD7492ARUZ-5-REEL71 Datasheet HTML 9Page - Analog Devices AD7492ARUZ-5-REEL71 Datasheet HTML 10Page - Analog Devices AD7492ARUZ-5-REEL71 Datasheet HTML 11Page - Analog Devices AD7492ARUZ-5-REEL71 Datasheet HTML 12Page - Analog Devices AD7492ARUZ-5-REEL71 Datasheet HTML 13Page - Analog Devices AD7492ARUZ-5-REEL71 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD7492
Rev. A | Page 10 of 24
TYPICAL PEFORMANCE CHARACTERISTICS
INPUT FREQUENCY (kHz)
60
0
61
62
63
64
65
66
67
68
69
70
71
3V
5V
500
1000
1500
2000
2500
Figure 4. Typical SNR + D vs. Input Tone
50
55
60
65
70
75
80
85
90
95
3V
5V
INPUT FREQUENCY (kHz)
100
200
350
500
1000
2000
Figure 5. Typical THD vs. Input Tone
SUPPLY (Volts)
69.0
69.2
69.4
69.6
69.8
70.0
70.2
70.4
70.60
–40°C
+25°C
–55°C
+125°C
+85°C
2.50
3.0
3.5
4.0
4.5
5.0
5.5
Figure 6. Typical SNR vs. Supply
–120
–100
–80
–60
–40
–20
0
FREQUENCY (Hz)
0
100000
200000
300000
400000
500000
600000
Figure 7. Typical SNR @ 500 kHz Input Tone
FREQUENCY (Hz)
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
5V
1
10
100
1000
10000
100000
Figure 8. Typical Bandwidth
–120
–100
–80
–60
–40
–20
0
VCC = 5V
100mV p-p SINEWAVE ON VCC
fSAMPLE = 1MHz, fIN = 100kHz
VCC RIPPLE FREQUENCY (kHz)
0 5 10 16 20 26 31 36 41 46 51 57 61 67 72 77 82 88 92 97
3 8 13 18 23 28 34 39 44 49 54 59 64 69 74 80 84 89 94 100
Figure 9. Typical Power Supply Rejection Ratio (PSRR)


Número de pieza similar - AD7492ARUZ-5-REEL71

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7492ARUZ-5-REEL7 AD-AD7492ARUZ-5-REEL7 Datasheet
374Kb / 25P
   1.25 MSPS, 16 mW Internal REF 12-Bit Parallel ADC
More results

Descripción similar - AD7492ARUZ-5-REEL71

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7492 AD-AD7492_01 Datasheet
194Kb / 16P
   1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. 0
AD7492 AD-AD7492_15 Datasheet
513Kb / 24P
   1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. A
AD7492BRUZ AD-AD7492BRUZ Datasheet
513Kb / 24P
   1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. A
AD7492 AD-AD7492_17 Datasheet
374Kb / 25P
   1.25 MSPS, 16 mW Internal REF 12-Bit Parallel ADC
logo
Texas Instruments
ADS9120 TI1-ADS9120 Datasheet
1Mb / 64P
[Old version datasheet]   16-Bit, 2.5-MSPS, 15.5-mW, SAR ADC
logo
Analog Devices
AD7667 AD-AD7667 Datasheet
336Kb / 23P
   16-Bit 1 MSPS SAR Unipolar ADC with Ref
REV. PrA
AD7470 AD-AD7470_15 Datasheet
529Kb / 21P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7470 AD-AD7470_03 Datasheet
325Kb / 20P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7470 AD-AD7470 Datasheet
197Kb / 16P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. A
AD7472ARZ AD-AD7472ARZ Datasheet
325Kb / 20P
   1.75 MSPS, 4 mW 10-Bit-12-Bit Parallel ADCs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com