Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SMV1145-011 Datasheet(PDF) 1 Page - Alpha Industries

No. de Pieza. SMV1145-011
Descripción  Hyperabrupt Junction Tuning Varactors
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ALPHA [Alpha Industries]
Página de inicio  http://www.alphaind.com
Logo 

SMV1145-011 Datasheet(HTML) 1 Page - Alpha Industries

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Characteristic
Value
Reverse Voltage (VR)
12 V
Forward Current (IF)
20 mA
Power Dissipation (PD)
250 mW
Storage Temperature (TST)
-55°C to +150°C
Operating Temperature (TOP)
-55°C to +125°C
Absolute Maximum Ratings
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 1/01A
Hyperabrupt Junction Tuning Varactors
Features
s Frequency Linear Design
s Low Series Resistance
s Available in the SOD-323 and SC-79
Packages
s Designed for High Volume Commercial
Applications
s SPICE Models are Available
SMV1142–SMV1148
Description
The SMV1142–SMV1148 series of silicon hyperabrupt
junction varactor diodes are specifically designed with an
increasing gamma vs. voltage characteristic. This
characteristic will result in improved VCO frequency-voltage
linearity, in comparison to a conventional hyperabrupt
junction varactor. This family of varactors is characterized
for capacitance and resistance over temperature. SPICE
models are provided.
o Available through distribution.
For other packages or configurations, please contact the factory.
Single
Single
SC-79
SOD-323
o SMV1142-011
o SMV1143-011
o SMV1144-011
o SMV1145-079
o SMV1145-011
o SMV1146-011
o SMV1147-011
o SMV1148-011
LS = 0.7 nH
LS = 1.5 nH


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn