Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N3879 Datasheet(PDF) 2 Page - America Semiconductor, LLC

No. de pieza 1N3879
Descripción Electrónicos  High Power- Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMERICASEMI [America Semiconductor, LLC]
Página de inicio  http://americasemi.com
Logo AMERICASEMI - America Semiconductor, LLC

1N3879 Datasheet(HTML) 2 Page - America Semiconductor, LLC

  1N3879 Datasheet HTML 1Page - America Semiconductor, LLC 1N3879 Datasheet HTML 2Page - America Semiconductor, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Número de pieza similar - 1N3879

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N3879 MICROSEMI-1N3879 Datasheet
110Kb / 2P
   Fast Recovery Rectifier
logo
Vishay Siliconix
1N3879 VISHAY-1N3879 Datasheet
140Kb / 9P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
Revision: 28-May-15
logo
International Rectifier
1N3879 IRF-1N3879 Datasheet
2Mb / 10P
   FAST RECOVERY DIODES
logo
GeneSiC Semiconductor, ...
1N3879 GENESIC-1N3879 Datasheet
746Kb / 3P
   Silicon Fast Recovery Diode
logo
International Rectifier
1N3879 IRF-1N3879 Datasheet
315Kb / 8P
   6A, 12A AND 16A FAST RECOVERY RECTIFIERS
More results

Descripción similar - 1N3879

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
America Semiconductor, ...
FR16B05 AMERICASEMI-FR16B05 Datasheet
574Kb / 2P
   High Power- Fast Recovery Rectifiers
FR30K05 AMERICASEMI-FR30K05 Datasheet
410Kb / 2P
   High Power- Fast Recovery Rectifiers
FR16B02 AMERICASEMI-FR16B02 Datasheet
449Kb / 2P
   High Power- Fast Recovery Rectifiers
FR6J05 AMERICASEMI-FR6J05 Datasheet
423Kb / 2P
   High Power- Fast Recovery Rectifiers
FR40B05 AMERICASEMI-FR40B05 Datasheet
442Kb / 2P
   High Power- Fast Recovery Rectifiers
FR6A02 AMERICASEMI-FR6A02 Datasheet
436Kb / 2P
   High Power- Fast Recovery Rectifiers
FR85B02 AMERICASEMI-FR85B02 Datasheet
432Kb / 2P
   High Power- Fast Recovery Rectifiers
FR70B02 AMERICASEMI-FR70B02 Datasheet
447Kb / 2P
   High Power- Fast Recovery Rectifiers
FR6B05 AMERICASEMI-FR6B05 Datasheet
432Kb / 2P
   High Power- Fast Recovery Rectifiers
FR70K05 AMERICASEMI-FR70K05 Datasheet
418Kb / 2P
   High Power- Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com