Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC58NYG0S3EBAI4 Datasheet(PDF) 3 Page - Toshiba Semiconductor

No. de pieza TC58NYG0S3EBAI4
Descripción Electrónicos  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58NYG0S3EBAI4 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC58NYG0S3EBAI4 Datasheet HTML 1Page - Toshiba Semiconductor TC58NYG0S3EBAI4 Datasheet HTML 2Page - Toshiba Semiconductor TC58NYG0S3EBAI4 Datasheet HTML 3Page - Toshiba Semiconductor TC58NYG0S3EBAI4 Datasheet HTML 4Page - Toshiba Semiconductor TC58NYG0S3EBAI4 Datasheet HTML 5Page - Toshiba Semiconductor TC58NYG0S3EBAI4 Datasheet HTML 6Page - Toshiba Semiconductor TC58NYG0S3EBAI4 Datasheet HTML 7Page - Toshiba Semiconductor TC58NYG0S3EBAI4 Datasheet HTML 8Page - Toshiba Semiconductor TC58NYG0S3EBAI4 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 65 page
background image
TC58NYG0S3EBAI4
2011-03-01C
3
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
SYMBOL
RATING
VALUE
UNIT
VCC
Power Supply Voltage
0.6 to 2.5
V
VIN
Input Voltage
0.6 to 2.5
V
VI/O
Input /Output Voltage
0.6 to V
CC + 0.3
(
2.5 V)
V
PD
Power Dissipation
0.3
W
TSOLDER
Soldering Temperature (10 s)
260
°C
TSTG
Storage Temperature
55 to 125
°C
TOPR
Operating Temperature
-40 to 85
°C
CAPACITANCE *(Ta = 25°C, f = 1 MHz)
SYMB0L
PARAMETER
CONDITION
MIN
MAX
UNIT
CIN
Input
VIN = 0 V
10
pF
COUT
Output
VOUT = 0 V
10
pF
*
This parameter is periodically sampled and is not tested for every device.
I/O
Control circuit
Status register
Command register
Column buffer
Column decoder
Data register
Sense amp
Memory cell array
Control circuit
HV generator
Logic control
BY
/
RY
VCC
I/O1
VSS
I/O8
CE
CLE
ALE
WE
RE
BY
/
RY
to
WP
Address register


Número de pieza similar - TC58NYG0S3EBAI4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC58NYG0S3HBAI4 TOSHIBA-TC58NYG0S3HBAI4 Datasheet
67Kb / 3P
   NAND Flash Memory(SLC Middle Capacity)
TC58NYG0S3HBAI4 TOSHIBA-TC58NYG0S3HBAI4 Datasheet
868Kb / 2P
   SLC NAND & BENAND Reliability and Performance
TC58NYG0S3HBAI6 TOSHIBA-TC58NYG0S3HBAI6 Datasheet
67Kb / 3P
   NAND Flash Memory(SLC Middle Capacity)
logo
KIOXIA Corporation
TC58NYG0S3HBAI6 KIOXIA-TC58NYG0S3HBAI6 Datasheet
482Kb / 52P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
logo
Toshiba Semiconductor
TC58NYG0S3HBAI6 TOSHIBA-TC58NYG0S3HBAI6 Datasheet
868Kb / 2P
   SLC NAND & BENAND Reliability and Performance
More results

Descripción similar - TC58NYG0S3EBAI4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC58FVM5T2AFT65 TOSHIBA-TC58FVM5T2AFT65 Datasheet
799Kb / 63P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VD1618FF-133 TOSHIBA-TC55VD1618FF-133 Datasheet
888Kb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC554161AFTI-70 TOSHIBA-TC554161AFTI-70 Datasheet
142Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VEM208ASTN55 TOSHIBA-TC55VEM208ASTN55 Datasheet
173Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NVG0S3ETA00 TOSHIBA-TC58NVG0S3ETA00 Datasheet
486Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVM6B2ATG-65 TOSHIBA-TC58FVM6B2ATG-65 Datasheet
531Kb / 62P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8512FTI-12 TOSHIBA-TC55V8512FTI-12 Datasheet
170Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V4366FF-133 TOSHIBA-TC55V4366FF-133 Datasheet
1Mb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8128BFT-12 TOSHIBA-TC55V8128BFT-12 Datasheet
373Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V2325FF-100 TOSHIBA-TC55V2325FF-100 Datasheet
1Mb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com