Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMV1234-004 Datasheet(PDF) 1 Page - Alpha Industries

No. de pieza SMV1234-004
Descripción Electrónicos  Hyperabrupt Tuning Varactors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALPHA [Alpha Industries]
Página de inicio  http://www.alphaind.com
Logo ALPHA - Alpha Industries

SMV1234-004 Datasheet(HTML) 1 Page - Alpha Industries

  SMV1234-004 Datasheet HTML 1Page - Alpha Industries SMV1234-004 Datasheet HTML 2Page - Alpha Industries SMV1234-004 Datasheet HTML 3Page - Alpha Industries SMV1234-004 Datasheet HTML 4Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Characteristic
Value
Reverse Voltage (VR)
15 V
Forward Current (IF)
20 mA
Power Dissipation (PD)
250 mW
Storage Temperature (TST)
-55°C to +150°C
Operating Temperature (TOP)
-55°C to +125°C
ESD Human Body Model
Class 1B
Absolute Maximum Ratings
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 6/99A
Hyperabrupt Tuning Varactors
Features
s High Capacitance Ratio,
C1 V/C3 V = 1.8, C1 V/C6 V = 3.1
s Low Series Resistance for Low
Phase Noise
s Multiple Packages SOT-23, SOD-323,
SC-70 and SC-79
s Designed for High Volume Commercial
Applications
s Full Characterization with SPICE Models
SMV1232–SMV1237
Description
The SMV1232–SMV1237 series of silicon hyperabrupt
junction varactor diodes are designed for use in VCOs with
low tuning voltage operation. The low resistance of these
varactors makes them appropriate for high Q resonators
in wireless system VCOs to frequencies beyond 2.5 GHz.
The SMV1232–SMV1237 series is fully characterized for
capacitance and resistance over temperature. SPICE model
is provided.
o Available through distribution.
For other packages or configurations, please contact the factory.
Single
Single
Single
Common Anode
Common Cathode
Common Anode
Common Cathode
SC-79
SOD-323
SOT-23
SOT-23
SOT-23
SC-70
SC-70
o SMV1232-079
o SMV1232-011
o SMV1232-074
o SMV1233-079
o SMV1233-011
o SMV1233-001
o SMV1233-003
o SMV1233-004
o SMV1233-073
o SMV1233-074
o SMV1234-079
o SMV1234-011
o SMV1234-001
o SMV1234-003
o SMV1234-004
o SMV1234-073
o SMV1234-074
o SMV1235-079
o SMV1235-011
o SMV1235-001
o SMV1235-004
o SMV1235-074
o SMV1236-079
o SMV1236-011
o SMV1236-001
o SMV1236-004
o SMV1236-074
o SMV1237-001
o SMV1237-004
LS = 0.7 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 1.4 nH
LS = 1.4 nH


Número de pieza similar - SMV1234-004

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SMV1234-004 SKYWORKS-SMV1234-004 Datasheet
179Kb / 7P
   Hyperabrupt Tuning Varactors
More results

Descripción similar - SMV1234-004

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SMV1231 SKYWORKS-SMV1231 Datasheet
179Kb / 7P
   Hyperabrupt Tuning Varactors
logo
Alpha Industries
SMV1247 ALPHA-SMV1247 Datasheet
502Kb / 4P
   Hyperabrupt Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1247 SKYWORKS-SMV1247 Datasheet
82Kb / 6P
   Hyperabrupt Tuning Varactors
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1770-079 SKYWORKS-SMV1770-079 Datasheet
140Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV1245 SKYWORKS-SMV1245 Datasheet
524Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019_15 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
SMV1281 SKYWORKS-SMV1281 Datasheet
130Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com