Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8557ACPZ-REEL Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD8557ACPZ-REEL
Descripción Electrónicos  Digitally Programmable Sensor Signal Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8557ACPZ-REEL Datasheet(HTML) 4 Page - Analog Devices

  AD8557ACPZ-REEL Datasheet HTML 1Page - Analog Devices AD8557ACPZ-REEL Datasheet HTML 2Page - Analog Devices AD8557ACPZ-REEL Datasheet HTML 3Page - Analog Devices AD8557ACPZ-REEL Datasheet HTML 4Page - Analog Devices AD8557ACPZ-REEL Datasheet HTML 5Page - Analog Devices AD8557ACPZ-REEL Datasheet HTML 6Page - Analog Devices AD8557ACPZ-REEL Datasheet HTML 7Page - Analog Devices AD8557ACPZ-REEL Datasheet HTML 8Page - Analog Devices AD8557ACPZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD8557
Rev. C | Page 4 of 24
VDD = 2.7 V, VSS = 0.0 V, VCM = 1.35 V, VOUT = 1.35 V, gain = 28, TA = −40°C to +125°C, unless otherwise specified.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT STAGE
Input Offset Voltage
VOS
2
12
µV
Input Offset Voltage Drift
TCVOS
65
nV/°C
Input Bias Current
IB
10
18
25
nA
Input Offset Current
IOS
1
4
nA
Input Voltage Range
0.6
1.5
V
Common-Mode Rejection Ratio
CMRR
VCM = 0.9 V to 1.5 V, AV = 28
71
82
dB
VCM = 0.9 V to 1.5 V, AV = 1300
96
112
dB
Linearity
VOUT = 0.2 V to 1.8 V
20
ppm
VOUT = 0.2 V to 2.5 V
1000
ppm
Differential Gain Accuracy
Second stage gain = 10 to 250
1.6
%
Differential Gain Temperature Coefficient
Second stage gain = 10 to 250
15
40
ppm/°C
DAC
Accuracy
Offset codes = 8 to 248
0.7
0.8
%
Ratiometricity
Offset codes = 8 to 248
50
ppm
Output Offset
Offset codes = 8 to 248
5
35
mV
Temperature Coefficient
20
80
ppm FS/°C
VCLAMP
Input Bias Current
ICLAMP
1.25 V to 2.7 V
200
nA
Input Voltage Range
1.25
2.7
V
OUTPUT STAGE
Short-Circuit Current
ISC
Source
−12
−7
mA
Sink
15
25
mA
Output Voltage, Low
VOL
RL = 10 kΩ to 2.7 V
30
mV
Output Voltage, High
VOH
RL = 10 kΩ to 0 V
2.64
V
POWER SUPPLY
Supply Current
ISY
VPOS = VNEG = 1.35 V,
VDAC code = 128, VOUT = 1.35 V
1.8
mA
Power Supply Rejection Ratio
PSRR
VDD = 2.7 V to 5.5 V
105
125
dB
DYNAMIC PERFORMANCE
Gain Bandwidth Product
GBP
First gain stage, TA = 25°C
2
MHz
Second gain stage, TA = 25°C
8
MHz
Settling Time
ts
To 0.1%, 2 V output step,
TA = 25°C
8
µs
NOISE PERFORMANCE
Input Referred Noise
f = 1 kHz
32
nV/√Hz
Low Frequency Noise
en p-p
f = 0.1 Hz to 10 Hz
0.5
µV p-p
Total Harmonic Distortion
THD
VIN = 16.75 mV rms, f = 1 kHz
−100
dB
DIGITAL INTERFACE
Input Current
2
µA
DIGIN Pulse Width to Load 0
tw0
TA = 25°C
0.05
10
µs
DIGIN Pulse Width to Load 1
tw1
TA = 25°C
50
µs
Time Between Pulses at DIGIN
tws
TA = 25°C
10
µs
DIGIN Low
TA = 25°C
0.2 × VDD
V
DIGIN High
TA = 25°C
0.8 × VDD
V
DIGOUT Logic 0
TA = 25°C
0.2 × VDD
V
DIGOUT Logic 1
TA = 25°C
0.8 × VDD
V


Número de pieza similar - AD8557ACPZ-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8557ACPZ-REEL AD-AD8557ACPZ-REEL Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8557ACPZ-REEL AD-AD8557ACPZ-REEL Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8557ACPZ-REEL AD-AD8557ACPZ-REEL Datasheet
585Kb / 25P
   Digitally Programmable Sensor Signal Amplifier
AD8557ACPZ-REEL7 AD-AD8557ACPZ-REEL7 Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8557ACPZ-REEL7 AD-AD8557ACPZ-REEL7 Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
More results

Descripción similar - AD8557ACPZ-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8557ARZ AD-AD8557ARZ Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8557 AD-AD8557_16 Datasheet
585Kb / 25P
   Digitally Programmable Sensor Signal Amplifier
AD8557ARZ AD-AD8557ARZ Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8555 AD-AD8555 Datasheet
503Kb / 28P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
REV. 0
AD8555 AD-AD8555_09 Datasheet
616Kb / 28P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
REV. A
AD8555 AD-AD8555_V01 Datasheet
696Kb / 29P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
Rev. B
AD8556 AD-AD8556_16 Datasheet
738Kb / 28P
   Digitally Programmable Sensor Signal Amplifier with EMI Filters
AD8556ARZ AD-AD8556ARZ Datasheet
777Kb / 28P
   Digitally Programmable Sensor Signal Amplifier with EMI Filters
REV. A
logo
National Semiconductor ...
LH0086 NSC-LH0086 Datasheet
252Kb / 7P
   DIGITALLY-PROGRAMMABLE-GAIN AMPLIFIER
logo
List of Unclassifed Man...
MN2020 ETC-MN2020 Datasheet
973Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com