Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8842ARZ Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD8842ARZ
Descripción Electrónicos  8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8842ARZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8842ARZ Datasheet HTML 4Page - Analog Devices AD8842ARZ Datasheet HTML 5Page - Analog Devices AD8842ARZ Datasheet HTML 6Page - Analog Devices AD8842ARZ Datasheet HTML 7Page - Analog Devices AD8842ARZ Datasheet HTML 8Page - Analog Devices AD8842ARZ Datasheet HTML 9Page - Analog Devices AD8842ARZ Datasheet HTML 10Page - Analog Devices AD8842ARZ Datasheet HTML 11Page - Analog Devices AD8842ARZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
REV.
–8–
AD8842
40
30
20
10
0
100
1k
10k
100k
1M
FREQUENCY – Hz
+ PSRR
–PSRR
+ PSRR: V
DD = +5V±250mV
–PSRR: V
SS = –5V±250mV
12
11
10
8
7
–75
–50
–25
0
25
50
75
100
125
TEMPERATURE –
°C
9
V
IN X = +3V
–I
SS @ VDD = +5V
AND V
SS = –4V OR –6V
I
DD @ VDD = +6V
AND V
SS = –5V
I
DD @ VDD = +4V
AND V
SS = –5V
Figure 21. AC Sweep Frequency
500 mV p-p Amplitude Response
Figure 22. Supply Current vs.
Voltage and Temperature
Figure 23. PSRR vs. Frequency
1k
10M
10k
1M
100k
FREQUENCY – Hz
24
–24
–72
–48
0
–12
–36
–60
12
DATA = ØØ
H
H
H
H
88
H
84
H
82
H
81
H
80
H
V
IN = 100mVAC
T
A = +25°C
V
DD = +5V
V
SS = –5V
Figure 26. Output Voltage Drift
Accelerated by Burn-In
Figure 25. Short Circuit Limit
Output Current vs. Voltage
Figure 24. Gain (VOUT/VIN) and
Feedthrough vs. Frequency
80
–100
5
–40
–80
0
0
–20
20
40
60
4
3
2
1
FREQUENCY – MHz
–3dB FREQUENCY
100 mVp-p INPUT AMPLITUDE
10
90
100
0%
2V
20
µs
2V
Figure 20. AC Sweep Frequency 100 mV p-p Amplitude
Response
Figure 19. 10 kHz Sawtooth Waveform,
Upper Trace VIN, Lower Trace VOUT
–400
5
–200
–300
0
0
–100
100
200
300
4
3
2
1
FREQUENCY – MHz
–3dB FREQUENCY
500 mVp-p INPUT AMPLITUDE
–4
–3
–2
0
–1
1
2
3
4
15
10
–5
5
0
–10
–15
SHORT CIRCUIT
CURRENT
LIMITING
SHORT CIRCUIT
CURRENT
LIMITING
TA = +25°C
VDD = +5V
VSS = –5V
CODE = 80H
VOUTX – Volts
5
4
1
3
2
0
100
300
0
–1
–6
6
200
400
500
600
T = HOURS OF OPERATION AT 150
°C
–2
–3
–4
–5
χ
χ – 2σ
χ + 2σ
VIN = +3V
A


Número de pieza similar - AD8842ARZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8842ARZ AD-AD8842ARZ Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842ARZ-REEL AD-AD8842ARZ-REEL Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
More results

Descripción similar - AD8842ARZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
DAC8840 AD-DAC8840 Datasheet
513Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842 AD-AD8842 Datasheet
506Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. 0
AD8842ARZ AD-AD8842ARZ Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842 AD-AD8842_15 Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC-8841 AD-DAC-8841 Datasheet
584Kb / 12P
   8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC8841 AD-DAC8841_13 Datasheet
587Kb / 12P
   8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC8840FPZ AD-DAC8840FPZ Datasheet
515Kb / 12P
   8-Bit Octal 4-Quadrant Mulyplying CMOS TrimDAC
REV. A
DAC8840FPZ AD-DAC8840FPZ Datasheet
515Kb / 12P
   8-Bit Octal 4-Quadrant Mulyplying CMOS TrimDAC
REV. A
DAC8841 AD-DAC8841 Datasheet
594Kb / 10P
   8 BIT OCTAL 2-QUADRANT MULTIPLYING CMOS TRIM DAC
REV. A
logo
Sipex Corporation
SP9840 SIPEX-SP9840 Datasheet
130Kb / 10P
   8-Bit Octal, 4-Quadrant Multiplying, BiCMOS DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com