Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG1208 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza ADG1208
Descripción Electrónicos  Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG1208 Datasheet(HTML) 5 Page - Analog Devices

  ADG1208 Datasheet HTML 1Page - Analog Devices ADG1208 Datasheet HTML 2Page - Analog Devices ADG1208 Datasheet HTML 3Page - Analog Devices ADG1208 Datasheet HTML 4Page - Analog Devices ADG1208 Datasheet HTML 5Page - Analog Devices ADG1208 Datasheet HTML 6Page - Analog Devices ADG1208 Datasheet HTML 7Page - Analog Devices ADG1208 Datasheet HTML 8Page - Analog Devices ADG1208 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADG1208/ADG1209
Rev. B | Page 5 of 20
SINGLE SUPPLY
VDD = 12 V ± 10%, VSS = 0 V, GND = 0 V, unless otherwise noted.1
Table 2.
Parameter
+25ºC
−40ºC to
+85ºC
−40ºC to
+125ºC
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 to VDD
V
On Resistance, RON
300
Ω typ
VS = 0 V to 10 V, IS = −1 mA, see Figure 29
475
567
625
Ω max
VDD = 10.8 V, VSS = 0 V
On Resistance Match Between Channels, ∆RON
5
Ω typ
VS = 0 V to 10 V, IS = −1 mA
16
26
27
Ω max
On Resistance Flatness, RFLAT (On)
60
Ω typ
VS = 3 V/6 V/9 V, IS = −1 mA
LEAKAGE CURRENTS
VDD = 13.2 V
Source Off Leakage, IS (Off )
±0.003
nA typ
VS = 1 V/10 V, VD = 10 V/1 V, see Figure 30
±0.1
±0.6
±1
nA max
Drain Off Leakage, ID (Off )
±0.003
nA typ
VS = 1 V/10 V, VD = 10 V/1 V, see Figure 30
ADG1208
±0.1
±0.6
±1
nA max
ADG1209
±0.1
±0.6
±1
nA max
Channel On Leakage ID, IS (On)
±0.02
nA typ
VS = VD = 1 V or 10 V, see Figure 31
ADG1208
±0.2
±0.6
±1
nA max
ADG1209
±0.2
±0.6
±1
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
±0.001
±0.1
μA max
VIN = VINL or VINH
Digital Input Capacitance, CIN
3
pF typ
DYNAMIC CHARACTERISTICS2
Transition Time, tTRANSITION
100
ns typ
RL = 300 Ω, CL = 35 pF
170
210
235
VS = 8 V, see Figure 32
tON (EN)
90
ns typ
RL = 300 Ω, CL = 35 pF
110
140
160
VS = 8 V, see Figure 34
tOFF (EN)
105
ns typ
RL = 300 Ω, CL = 35 pF
130
155
175
VS = 8 V, see Figure 34
Break-Before-Make Time Delay, tBBM
45
ns typ
RL = 300 Ω, CL = 35 pF
20
ns min
VS1 = VS2 = 8 V, see Figure 33
Charge Injection
−0.2
pC typ
VS = 6 V, RS = 0 Ω, CL = 1 nF, see Figure 35
Off Isolation
−85
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 36
Channel-to-Channel Crosstalk
−85
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 38
−3 dB Bandwidth
450
MHz typ
RL = 50 Ω, CL = 5 pF, see Figure 37
CS (Off )
1.2
pF typ
f = 1 MHz, VS = 6 V
1.8
pF max
f = 1 MHz, VS = 6 V
CD (Off ) ADG1208
7.5
pF typ
f = 1 MHz, VS = 6 V
9
pF max
f = 1 MHz, VS = 6 V
CD (Off ) ADG1209
4.5
pF typ
f = 1 MHz, VS = 6 V
5.5
pF max
f = 1 MHz, VS = 6 V
CD, CS (On) ADG1208
9
pF typ
f = 1 MHz, VS = 6 V
10.5
pF max
f = 1 MHz, VS = 6 V
CD, CS (On) ADG1209
6
pF typ
f = 1 MHz, VS = 6 V
7.5
pF max
f = 1 MHz, VS = 6 V


Número de pieza similar - ADG1208

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG1208 AD-ADG1208 Datasheet
445Kb / 20P
   Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
ADG1208 AD-ADG1208 Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel, 짹15 V/12 V iCMOS Multiplexers
REV. B
ADG1208YCPZ-REEL AD-ADG1208YCPZ-REEL Datasheet
445Kb / 20P
   Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
ADG1208YCPZ-REEL AD-ADG1208YCPZ-REEL Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel, 짹15 V/12 V iCMOS Multiplexers
REV. B
ADG1208YCPZ-REEL7 AD-ADG1208YCPZ-REEL7 Datasheet
445Kb / 20P
   Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
More results

Descripción similar - ADG1208

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG1208 AD-ADG1208 Datasheet
445Kb / 20P
   Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
ADG1206 AD-ADG1206 Datasheet
483Kb / 20P
   Low Capacitance, 16- and 8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel, 짹15 V/12 V iCMOS Multiplexers
REV. B
ADG1308 AD-ADG1308 Datasheet
411Kb / 16P
   4- and 8-Channel -15 V/12 V Multiplexers
REV. 0
ADG1308 AD-ADG1308_15 Datasheet
361Kb / 16P
   4 and 8 Channel 15 V/12 V Multiplexers
REV. A
ADG1438 AD-ADG1438 Datasheet
605Kb / 20P
   Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches
REV. 0
ADG1409 AD-ADG1409_15 Datasheet
459Kb / 20P
   4 RON, 4/8 Channel 15 V/12 V/5 V CMOS Multiplexers
REV. B
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 15 V/12 V iCMOS Dual SPST Switches
REV. A
ADG1406 AD-ADG1406 Datasheet
571Kb / 20P
   9.5 ohm RON, 16-Channel, Differential 8-Channel, 짹15 V/12 V/짹5 V iCMOS Multiplexers
REV. 0
ADG1204 AD-ADG1204_09 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com