Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM6315-29D4ART-RL Datasheet(PDF) 6 Page - Analog Devices

No. de pieza ADM6315-29D4ART-RL
Descripción Electrónicos  Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM6315-29D4ART-RL Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM6315-29D4ART-RL Datasheet HTML 2Page - Analog Devices ADM6315-29D4ART-RL Datasheet HTML 3Page - Analog Devices ADM6315-29D4ART-RL Datasheet HTML 4Page - Analog Devices ADM6315-29D4ART-RL Datasheet HTML 5Page - Analog Devices ADM6315-29D4ART-RL Datasheet HTML 6Page - Analog Devices ADM6315-29D4ART-RL Datasheet HTML 7Page - Analog Devices ADM6315-29D4ART-RL Datasheet HTML 8Page - Analog Devices ADM6315-29D4ART-RL Datasheet HTML 9Page - Analog Devices ADM6315-29D4ART-RL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADM6315
Rev. E | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
50
45
40
35
30
25
20
15
10
5
0
0
100
200
300
400
500
600
700
800
900 1000
RESET COMPARATOR OVERDRIVE, (VTH – VCC) (mV)
TEMPERATURE (°C)
10
4
0
–40
6
2
8
–20
0
20
40
60
80
100
125
VCC = 5.5V
VCC = 3V
VCC = 1V
Figure 4. Supply Current vs. Temperature
Figure 7. Maximum Transient Duration vs. RESET Comparator Overdrive
0
50
100
150
200
250
300
350
400
450
VOD = 20mV
VOD = 125mV
VOD = 200mV
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
100
125
0.995
1.000
1.005
0.990
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
100
125
Figure 8. Normalized Reset Threshold vs. Temperature (VCC Falling)
Figure 5. Power-Down Reset Delay vs. Temperature
SUPPLY VOLTAGE (V)
0
2
12
4
6
8
10
+85°C
+25°C
–40°C
0
1
2
3
4
5
0.94
0.96
0.98
1.00
1.02
1.04
1.06
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
100
125
Figure 6. Normalized Reset Timeout Period vs. Temperature (VCC Rising)
Figure 9. Supply Current vs. Supply Voltage


Número de pieza similar - ADM6315-29D4ART-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM6315-29D4ART-RL AD-ADM6315-29D4ART-RL Datasheet
197Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
More results

Descripción similar - ADM6315-29D4ART-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM6315 AD-ADM6315_15 Datasheet
197Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
ADM6315_VE AD-ADM6315_VE Datasheet
272Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. E
ADM6315-29D3ARTRL7 AD-ADM6315-29D3ARTRL7 Datasheet
197Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
ADM6315-26D3ARTZR7 AD-ADM6315-26D3ARTZR7 Datasheet
228Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. F
ADM6315 AD-ADM6315 Datasheet
99Kb / 8P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
REV. 0
ADM6315-46D3ART-RL7 AD-ADM6315-46D3ART-RL7 Datasheet
197Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
ADM6315-26D4ART-RL AD-ADM6315-26D4ART-RL Datasheet
228Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. F
ADM6315-26D3ARTRL7 AD-ADM6315-26D3ARTRL7 Datasheet
286Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. E
ADM812 AD-ADM812_15 Datasheet
178Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SOT-143 with DSP
Rev. G
ADM811RART AD-ADM811RART Datasheet
178Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SOT-143 with DSP
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com