Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAB940 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza CAB940
Descripción Electrónicos  Taoglas Cable Assembly Murata GSC to SMA(F)Bulkhead Straight Connector with 200mm 0.81 cable
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

CAB940 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CAB940 Datasheet HTML 1Page - List of Unclassifed Manufacturers CAB940 Datasheet HTML 2Page - List of Unclassifed Manufacturers CAB940 Datasheet HTML 3Page - List of Unclassifed Manufacturers CAB940 Datasheet HTML 4Page - List of Unclassifed Manufacturers CAB940 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPE-12-8-104/A/WY
Page 3 of 5
2.2 Structure and Dimensions
2.3 Electrical & Physical Specification
1
Insulation Resistance:
1000 MEGA OHM-KM Min.
2
Conductor Resistance:
1400 OHM/KM/20°C Max.
3
Dielectric Strength:
AC 1.0 KV/minute
4
Spark test:
2.5 KV
5
Nom. Impedance
50  3 Ohms
6
Nom. Capacitance
97  3 pF/m
7
Attenuation (dB/1M)
2.0GHz
3.60
2.4GHz
5.10
3.0GHz
6.20
4.0GHz
7.50
5.0GHz
8.50
6.0GHz
9.40


Número de pieza similar - CAB940

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CAB942 ETC2-CAB942 Datasheet
1Mb / 5P
   Taoglas Low Loss Cable Assembly N Type Jack with O-Ring to 7620mm (25) CFD-200 to SMA(M)
More results

Descripción similar - CAB940

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CABR02 ETC2-CABR02 Datasheet
310Kb / 5P
   Taoglas Cable Assembly Murata HSC to SMA(F)Bulkhead Straight Connector with 200mm 0.81 cable
CAB922 ETC2-CAB922 Datasheet
273Kb / 6P
   Taoglas Cable Assembly SMA(F) Bulkhead Straight to Murata GSC with 95mm 0.81mm cable
CABR01 ETC2-CABR01 Datasheet
307Kb / 5P
   Taoglas Cable Assembly Murata HSC to SMA(F)Bulkhead Straight Connector with 100mm 0.81 cable
CABS02 ETC2-CABS02 Datasheet
295Kb / 5P
   Taoglas Cable Assembly IPEX MH4(HSC comp) to SMA(F)Bulkhead Straight Connector with 200mm 0.81 cable
CAB618C ETC2-CAB618C Datasheet
268Kb / 5P
   Taoglas Cable Assembly IPEX MHFI to SMA(F)Bulkhead Straight Connector with 200mm 1.13 cable
logo
Taoglas antenna solutio...
CAB618C TAOGLAS-CAB618C Datasheet
266Kb / 5P
   Taoglas Cable Assembly IPEX MHFI to SMA(F)Bulkhead Straight Connector with 200mm 1.13 cable
logo
List of Unclassifed Man...
CAB720 ETC2-CAB720 Datasheet
291Kb / 5P
   Taoglas Cable Assembly Hirose U.FL to SMA(F)Bulkhead Straight Connector with 200mm 1.32 cable
logo
Taoglas antenna solutio...
CAB718 TAOGLAS-CAB718 Datasheet
248Kb / 5P
   Taoglas Cable Assembly Hirose U.FL to SMA(F)Bulkhead Straight Connector with 200mm 1.13 cable
logo
List of Unclassifed Man...
CAB718 ETC2-CAB718 Datasheet
250Kb / 5P
   Taoglas Cable Assembly Hirose U.FL to SMA(F)Bulkhead Straight Connector with 200mm 1.13 cable
logo
Taoglas antenna solutio...
CAB720 TAOGLAS-CAB720 Datasheet
421Kb / 6P
   Taoglas Cable Assembly Hirose U.FL to SMA(F)Bulkhead Straight Connector with 200mm ??.32 cable
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com