Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

1542 Datasheet(PDF) 3 Page - Emcore Corporation

No. de Pieza. 1542
Descripción  Microwave DFB Laser Microwave DFB Laser
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  EMCORE [Emcore Corporation]
Página de inicio  http://www.emcore.com
Logo 

1542 Datasheet(HTML) 3 Page - Emcore Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MICROWAVE
DATASHEET | AUGUST 2013
© 2013 EMCORE Corporation
| REV 2013.08
satcom-sales@emcore.com
www.emcore.com
Information contained herein is deemed to be reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specifications at any time without notice.
+1 626-293-3400
Electrical Schematic
Mechanical Drawing (dimensions are in inches)
RF Characteristics
Parameter
Specifications
Unit
1542B
1542C
1542D
1542E
Maximum Frequency
7
13
18
22
GHz
Minimum Frequency
0.01
GHz
Amplitude Flatness1&2
4.0
4.0
5.0
5.0
dB p-p
Input Return Loss (50
Ω)
7.0
4.0
4.0
4.0
dB
Input 1 dB Compression
+20
dBm
Input Third Order Intercept3
0.01 GHz - 7.0 GHz
7.0 GHz - 22.0 GHz
+30
+25
Noise Figure (dB)4
0.01 GHz - 3.0 GHz
3.0 GHz - 7.0 GHz
7.0 GHz - 13.0 GHz
13.0 GHz - 18.0 GHz
18. GHz - 22.0 GHz
44
50
-
-
-
44
50
54
-
-
44
50
54
59
-
44
50
54
59
61
1. Specifications guaranteed when unit is connected to an optical path with return loss >35 dB.
2. Peak to Peak
3. Two Carrier Test
4. No RF Input
1542 22 GHz 1310 nm
Microwave DFB Laser


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn