Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMN33112 Datasheet(PDF) 6 Page - Panasonic Semiconductor

No. de pieza AMN33112
Descripción Electrónicos  High-sensitive human detection sensor with built-in amp.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AMN33112 Datasheet(HTML) 6 Page - Panasonic Semiconductor

  AMN33112 Datasheet HTML 1Page - Panasonic Semiconductor AMN33112 Datasheet HTML 2Page - Panasonic Semiconductor AMN33112 Datasheet HTML 3Page - Panasonic Semiconductor AMN33112 Datasheet HTML 4Page - Panasonic Semiconductor AMN33112 Datasheet HTML 5Page - Panasonic Semiconductor AMN33112 Datasheet HTML 6Page - Panasonic Semiconductor AMN33112 Datasheet HTML 7Page - Panasonic Semiconductor AMN33112 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
PIR Motion Sensor (EKMB, EKMC, AMN2, 3)
ASCTB240E 201208-T
HOW TO USE
1. Block diagram output circuit
3. NaPiOn series
Standard type
4. NaPiOn series
Slight motion detection type
General tolerance
±0.5 ±.020
General tolerance
±0.5 ±.020
Note: The height dimension does not include the remaining molding gate.
CAD Data
CAD Data
.018±.002 dia.
0.45±0.05 dia.
Molding gate
Note)
.571
14.5
4.5
.177
.433 dia.
11 dia.
.374 dia.
9.5 dia.
.433
11
GND
OUT
Vdd
.200±.008 dia.
P.C.D. 5.08±0.2 dia.
45° ±4°
45°
±4°
45°±4°
45°
±4°
Vdd
OUT
GND
Note)
Molding gate
.200±.008 dia.
P.C.D. 5.08±0.2 dia.
.177
4.5
8.9
.350
15.2
.598
12.8
.504
.018±.002 dia.
0.45±0.05 dia.
12.7 dia.
.500 dia.
11 dia.
.433 dia.
11.9 dia.
.469 dia.7.4 dia.
.291 dia.
5. NaPiOn series
Spot detection type
6. NaPiOn series
10m detection type
General tolerance
±0.5 ±.020
General tolerance
±0.5 ±.020
Note: The height dimension does not include the remaining molding gate.
CAD Data
CAD Data
Note)
GND
OUT
Vdd
±4°
45°
45° ±4°
17.0 dia.
.670 dia.
17.4 dia.
.685 dia.
18.53
4.5
8.6
.730
.177
.339
11 dia.
.433 dia.
±0.05
0.45
dia.
±.002
.018
dia.
±0.2
P.C.D. 5.08
dia.
±.008
.200
dia.
Molding
gate
GND
OUT
Vdd
±4°
45°
45° ±4°
Note)
8.9 dia.
.350 dia.
11
.433
±0.05
0.45
dia.
±.002
.018
dia.
15.1
4.5
.594
.177
±0.2
P.C.D. 5.08
dia.
±.008
.200
dia.
Molding gate
1) Digital output
2) Analog output
Vdd
Output
Single-chip
IC
TO5 metal package
Gnd
Stabilized
power
supply
Amplifier
circuit
Comparator
output
circuit
Quad type
PIR element
Multi lens
Optical filter
Infrared
radiation
(9.8mm
× 9mm .386inch × .354inch dia.)
Vdd
Output
Single-chip
IC
Gnd
Stabilized
power
supply
Amplifier
circuit
Quad type
PIR element
Multi lens
Optical filter
Infrared
radiation
TO5 metal package
(9.8mm
× 9mm .386inch × .354inch dia.)


Número de pieza similar - AMN33112

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
AMN33112 PANASONIC-AMN33112 Datasheet
449Kb / 8P
   Passive infrared human detection sensor with built-in amp.
AMN33112 PANASONIC-AMN33112 Datasheet
449Kb / 8P
   Passive infrared human detection sensor with built-in amp.
More results

Descripción similar - AMN33112

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
AMN24112 PANASONIC-AMN24112 Datasheet
449Kb / 8P
   Passive infrared human detection sensor with built-in amp.
AMN32112 PANASONIC-AMN32112 Datasheet
449Kb / 8P
   Passive infrared human detection sensor with built-in amp.
logo
Murata Manufacturing Co...
MA40H1S-R MURATA-MA40H1S-R Datasheet
174Kb / 2P
   Human detection
logo
Advantech Co., Ltd.
USC-130 ADVANTECH-USC-130_V01 Datasheet
736Kb / 2P
   One by one human detection sensor
22-Mar-2021
logo
Shenzhen Huazhimei Semi...
HM5518A HMSEMI-HM5518A Datasheet
2Mb / 9P
   Built-in high-precision voltage detection circuit built-in MOSFET
HM5428A HMSEMI-HM5428A Datasheet
573Kb / 7P
   Built-in high-precision voltage detection circuit built-in MOSFET
HM5520A HMSEMI-HM5520A Datasheet
1Mb / 9P
   Built-in high-precision voltage detection circuit and built-in MOSFET
HM5521 HMSEMI-HM5521 Datasheet
1Mb / 9P
   Built-in high-precision voltage detection circuit
HM5421 HMSEMI-HM5421 Datasheet
380Kb / 7P
   built-in high-precision voltage detection circuit
logo
STMicroelectronics
VL53L5CP STMICROELECTRONICS-VL53L5CP Datasheet
107Kb / 4P
   Time-of-Flight ranging sensor for advanced human presence detection
June 2022 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com