Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADUM6202ARWZ Datasheet(PDF) 6 Page - Analog Devices

No. de pieza ADUM6202ARWZ
Descripción Electrónicos  Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADUM6202ARWZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADUM6202ARWZ Datasheet HTML 2Page - Analog Devices ADUM6202ARWZ Datasheet HTML 3Page - Analog Devices ADUM6202ARWZ Datasheet HTML 4Page - Analog Devices ADUM6202ARWZ Datasheet HTML 5Page - Analog Devices ADUM6202ARWZ Datasheet HTML 6Page - Analog Devices ADUM6202ARWZ Datasheet HTML 7Page - Analog Devices ADUM6202ARWZ Datasheet HTML 8Page - Analog Devices ADUM6202ARWZ Datasheet HTML 9Page - Analog Devices ADUM6202ARWZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADuM6200/ADuM6201/ADuM6202
Data Sheet
Rev. C | Page 6 of 28
ELECTRICAL CHARACTERISTICS—5 V PRIMARY INPUT SUPPLY/3.3 V SECONDARY ISOLATED SUPPLY
Typical specifications are at TA = 25°C, VDD1 = 5.0 V, VISO = 3.3 V, VSEL = GNDISO. Minimum/maximum specifications apply over the entire
recommended operation range, which is 4.5 V ≤ VDD1 ≤ 5.5 V, 3.0 V ≤ VISO ≤ 3.6 V, and −40°C ≤ TA ≤ +105°C, unless otherwise noted.
Switching specifications are tested with CL = 15 pF and CMOS signal levels, unless otherwise noted.
Table 10. DC-to-DC Converter Static Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DC-TO-DC CONVERTER SUPPLY
Setpoint
V
ISO
3.0
3.3
3.6
V
I
ISO = 0 mA
Line Regulation
V
ISO(LINE)
1
mV/V
I
ISO = 50 mA, VDD1 = 3.0 V to 3.6 V
Load Regulation
V
ISO(LOAD)
1
5
%
I
ISO = 6 mA to 54 mA
Output Ripple
V
ISO(RIP)
50
mV p-p
20 MHz bandwidth, C
BO = 0.1 µF||10 µF, IISO = 90 mA
Output Noise
V
ISO(NOISE)
130
mV p-p
C
BO = 0.1 µF||10 µF, IISO = 90 mA
Switching Frequency
f
OSC
180
MHz
PWM Frequency
f
PWM
625
kHz
Output Supply Current
I
ISO(MAX)
100
mA
V
ISO > 3 V
Efficiency at I
ISO(MAX)
25
%
I
ISO = 100 mA
I
DD1, No VISO Load
I
DD1(Q)
7
13
mA
I
DD1, Full VISO Load
I
DD1(MAX)
230
mA
Table 11. DC-to-DC Converter Dynamic Specifications
Parameter
Symbol
1 Mbps—A or C Grade
25 Mbps—C Grade
Unit
Test Conditions/
Comments
Min
Typ
Max
Min
Typ
Max
SUPPLY CURRENT
Input
I
DD1(D)
ADuM6200
6
22
mA
No V
ISO load
ADuM6201
6
23
mA
No V
ISO load
ADuM6202
6
24
mA
No V
ISO load
Available to Load
I
ISO(LOAD)
ADuM6200
100
96
mA
ADuM6201
100
95
mA
ADuM6202
100
94
mA
Table 12. Switching Specifications
Parameter
Symbol
A Grade
C Grade
Unit
Test Conditions/
Comments
Min
Typ
Max
Min
Typ
Max
SWITCHING SPECIFICATIONS
Data Rate
1
25
Mbps
Within PWD limit
Propagation Delay
t
PHL, tPLH
60
100
45
65
ns
50% input to 50% output
Pulse Width Distortion
PWD
40
6
ns
|t
PLH − tPHL|
Change vs. Temperature
5
ps/°C
Pulse Width
PW
1000
40
ns
Within PWD limit
Propagation Delay Skew
t
PSK
50
15
ns
Between any two units
Channel Matching
Codirectional1
t
PSKCD
50
6
ns
Opposing Directional2
t
PSKOD
50
15
ns
1
7
Codirectional channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on the same side of the isolation
barrier.
2 Opposing directional channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on opposite sides of the
isolation barrier.


Número de pieza similar - ADUM6202ARWZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM6202ARWZ AD-ADUM6202ARWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6202ARWZ AD-ADUM6202ARWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
More results

Descripción similar - ADUM6202ARWZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM6200 AD-ADUM6200 Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6400 AD-ADUM6400_V01 Datasheet
470Kb / 28P
   Quad-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5200 AD-ADUM5200_V01 Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5201ARWZ-RL AD-ADUM5201ARWZ-RL Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5200W AD-ADUM5200W Datasheet
515Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. 0
ADUM5404ARWZ-RL AD-ADUM5404ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5401_VB AD-ADUM5401_VB Datasheet
481Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5401ARWZ-RL AD-ADUM5401ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com