Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMP02EP Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AMP02EP
Descripción Electrónicos  High Accuracy Instrumentation Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AMP02EP Datasheet(HTML) 11 Page - Analog Devices

Back Button AMP02EP Datasheet HTML 4Page - Analog Devices AMP02EP Datasheet HTML 5Page - Analog Devices AMP02EP Datasheet HTML 6Page - Analog Devices AMP02EP Datasheet HTML 7Page - Analog Devices AMP02EP Datasheet HTML 8Page - Analog Devices AMP02EP Datasheet HTML 9Page - Analog Devices AMP02EP Datasheet HTML 10Page - Analog Devices AMP02EP Datasheet HTML 11Page - Analog Devices AMP02EP Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
REV. E
AMP02
–11–
OUTLINE DIMENSIONS
8-Lead Plastic Dual-in-Line Package [PDIP]
(N-8)
Dimensions shown in inches and (millimeters)
SEATING
PLANE
0.015
(0.38)
MIN
0.180
(4.57)
MAX
0.150 (3.81)
0.130 (3.30)
0.110 (2.79)
0.060 (1.52)
0.050 (1.27)
0.045 (1.14)
8
1
4
5
0.295 (7.49)
0.285 (7.24)
0.275 (6.98)
0.100 (2.54)
BSC
0.375 (9.53)
0.365 (9.27)
0.355 (9.02)
0.150 (3.81)
0.135 (3.43)
0.120 (3.05)
0.015 (0.38)
0.010 (0.25)
0.008 (0.20)
0.325 (8.26)
0.310 (7.87)
0.300 (7.62)
0.022 (0.56)
0.018 (0.46)
0.014 (0.36)
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
COMPLIANT TO JEDEC STANDARDS MO-095AA
8-Lead Ceramic DIP - Glass Hermetic Seal [CERDIP]
(Q-8)
Dimensions shown in inches and (millimeters)
1
4
85
0.310 (7.87)
0.220 (5.59)
PIN 1
0.005 (0.13)
MIN
0.055 (1.40)
MAX
0.100 (2.54) BSC
15
0
0.320 (8.13)
0.290 (7.37)
0.015 (0.38)
0.008 (0.20)
SEATING
PLANE
0.200 (5.08)
MAX
0.405 (10.29) MAX
0.150 (3.81)
MIN
0.200 (5.08)
0.125 (3.18)
0.023 (0.58)
0.014 (0.36)
0.070 (1.78)
0.030 (0.76)
0.060 (1.52)
0.015 (0.38)
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETERS DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
16-Lead Standard Small Outline Package [SOIC]
Wide Body
(R-16)
Dimensions shown in millimeters and (inches)
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
COMPLIANT TO JEDEC STANDARDS MS-013AA
SEATING
PLANE
0.30 (0.0118)
0.10 (0.0039)
0.51 (0.0201)
0.33 (0.0130)
2.65 (0.1043)
2.35 (0.0925)
1.27 (0.0500)
BSC
16
9
8
1
10.65 (0.4193)
10.00 (0.3937)
7.60 (0.2992)
7.40 (0.2913)
10.50 (0.4134)
10.10 (0.3976)
0.32 (0.0126)
0.23 (0.0091)
8
0
0.75 (0.0295)
0.25 (0.0098)
45
1.27 (0.0500)
0.40 (0.0157)
COPLANARITY
0.10


Número de pieza similar - AMP02EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AMP02EP AD-AMP02EP Datasheet
266Kb / 12P
   High Accuracy 8-Pin Instrumentation Amplifier
REV. D
AMP02EP AD-AMP02EP Datasheet
224Kb / 12P
   High Accuracy Instrumentation Amplifier
REV. E
More results

Descripción similar - AMP02EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AMP02 AD-AMP02_03 Datasheet
224Kb / 12P
   High Accuracy Instrumentation Amplifier
REV. E
AMP02 AD-AMP02_16 Datasheet
284Kb / 13P
   High Accuracy Instrumentation Amplifier
logo
Burr-Brown (TI)
INA101 BURR-BROWN-INA101 Datasheet
91Kb / 6P
   High Accuracy INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AMP02 AD-AMP02_15 Datasheet
224Kb / 12P
   High Accuracy Instrumentation Amplifier
logo
Texas Instruments
INA101 TI1-INA101 Datasheet
267Kb / 11P
[Old version datasheet]   High Accuracy INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA104 BURR-BROWN-INA104 Datasheet
132Kb / 11P
   Very-High Accuracy INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD522 AD-AD522_02 Datasheet
451Kb / 4P
   High Accuracy Data Acquisition Instrumentation Amplifier
REV. A
AD522 AD-AD522_17 Datasheet
483Kb / 5P
   High Accuracy Data Acquisition Instrumentation Amplifier
AMP02 AD-AMP02 Datasheet
266Kb / 12P
   High Accuracy 8-Pin Instrumentation Amplifier
REV. D
AD522 AD-AD522 Datasheet
292Kb / 4P
   High Accuracy Data Acquisition Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com