Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADSP-2189NKSTZ-3202 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza ADSP-2189NKSTZ-3202
Descripción Electrónicos  DSP Microcomputer
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADSP-2189NKSTZ-3202 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADSP-2189NKSTZ-3202 Datasheet HTML 3Page - Analog Devices ADSP-2189NKSTZ-3202 Datasheet HTML 4Page - Analog Devices ADSP-2189NKSTZ-3202 Datasheet HTML 5Page - Analog Devices ADSP-2189NKSTZ-3202 Datasheet HTML 6Page - Analog Devices ADSP-2189NKSTZ-3202 Datasheet HTML 7Page - Analog Devices ADSP-2189NKSTZ-3202 Datasheet HTML 8Page - Analog Devices ADSP-2189NKSTZ-3202 Datasheet HTML 9Page - Analog Devices ADSP-2189NKSTZ-3202 Datasheet HTML 10Page - Analog Devices ADSP-2189NKSTZ-3202 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
ADSP-218xN
Rev. A
|
Page 7 of 48
|
August 2006
such as SCLK, CLKOUT, and timer clock, are reduced by the
same ratio. The default form of the instruction, when no clock
divisor is given, is the standard IDLE instruction.
When the IDLE (n) instruction is used, it effectively slows down
the processor’s internal clock and thus its response time to
incoming interrupts. The one-cycle response time of the stan-
dard idle state is increased by n, the clock divisor. When an
enabled interrupt is received, ADSP-218xN series members
remain in the idle state for up to a maximum of n processor
cycles (n = 16, 32, 64, or 128) before resuming nor-
mal operation.
When the IDLE (n) instruction is used in systems that have an
externally generated serial clock (SCLK), the serial clock rate
may be faster than the processor’s reduced internal clock rate.
Under these conditions, interrupts must not be generated at a
faster rate than can be serviced, due to the additional time the
processor takes to come out of the idle state (a maximum of n
processor cycles).
SYSTEM INTERFACE
Figure 2 shows typical basic system configurations with the
ADSP-218xN series, two serial devices, a byte-wide EPROM,
and optional external program and data overlay memories
(mode-selectable). Programmable wait state generation allows
the processor to connect easily to slow peripheral devices.
ADSP-218xN series members also provide four external inter-
rupts and two serial ports or six external interrupts and one
serial port. Host Memory Mode allows access to the full external
data bus, but limits addressing to a single address bit (A0).
Through the use of external hardware, additional system
peripherals can be added in this mode to generate and latch
address signals.
Figure 2. Basic System Interface
In
ser
t s
yst
em
int
erf
ac
e d
iag
ram
he
re
1/2
CLOCK
OR
CRYSTAL
FL0–2
CLKIN
XTAL
SERIAL
DEVICE
SCLK1
RFS1 OR
IRQ0
TFS1 OR
IRQ1
DT1 OR FO
DR1 OR FI
SPORT1
SERIAL
DEVICE
A0–A21
DATA
BYTE
MEMORY
I/O SPACE
(PERIPHERALS)
DATA
ADDR
DATA
ADDR
2048 LOCATIONS
OVERLAY
MEMORY
TWO 8K
PM SEGMENTS
D23–0
A13–0
D23–8
A10–0
D15–8
D23–16
A13–0
14
24
SCLK0
RFS0
TFS0
DT0
DR0
SPORT0
DATA23–0
ADSP-218xN
CS
CS
1/2
CLOCK
OR
CRYSTAL
CLKIN
XTAL
FL0–2
SERIAL
DEVICE
SCLK1
RFS1 OR
IRQ0
TFS1 OR
IRQ1
DT1 OR FO
DR1 OR FI
SPORT1
16
IDMA PORT
IRD/D6
IS/D4
IAL/D5
IACK/D3
IAD15-0
SERIAL
DEVICE
SCLK0
RFS0
TFS0
DT0
DR0
SPORT0
1
16
A0
DATA23–8
IOMS
BMS
DMS
CMS
BR
BG
BGH
PWD
PWDACK
HOST MEMORY MODE
FULL MEMORY MODE
MODE D/PF3
MODE C/PF2
MODE B/PF1
MODE A/PF0
IRQ2/PF7
IRQE/PF4
IRQL0/PF5
MODE D/PF3
MODE C/PF2
MODE B/PF1
MODE A/PF0
WR
RD
SYSTEM
INTERFACE
OR
µCONTROLLER
IRQ2/PF7
IRQE/PF4
IRQL0/PF5
IRQL1/PF6
IOMS
BMS
PMS
CMS
BR
BG
BGH
PWD
PWDACK
WR
RD
ADSP-218xN
DMS
TWO 8K
DM SEGMENTS
PMS
ADDR13–0
IRQL1/PF6
IWR/D7


Número de pieza similar - ADSP-2189NKSTZ-3202

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADSP-2189NKSTZ-3202 AD-ADSP-2189NKSTZ-3202 Datasheet
1Mb / 48P
   DSP Microcomputer
REV. A
ADSP-2189NKSTZ-3202 AD-ADSP-2189NKSTZ-3202 Datasheet
1Mb / 48P
   DSP Microcomputer
REV. A
More results

Descripción similar - ADSP-2189NKSTZ-3202

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com