Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SR217E104DAT Datasheet(PDF) 59 Page - AVX Corporation |
|
SR217E104DAT Datasheet(HTML) 59 Page - AVX Corporation |
59 / 72 page 57 HOW TO ORDER Military Type Designation: Established Reliability = CCR05, CCR06, CCR07, CCR08, CCR09 Non-Established Reliability = CC05, CC06, CC07, CC08, CC09 MIL-C-20/Radial Leads MIL Part No. Codes Style: CC = Identifies temperature compensating, ceramic dielectric, fixed capacitors. R = Identifies Established Reliability parts. 06 = Numbers identify shape and dimension. Temperature Characteristic: 1/ Not practically measurable. 2/ The ppm/°C values for -55°C were calculated by dividing ppm by negative 80°C. Capacitance Code: First two digits are the significant figures of capacitance. Third digit indicates the additional number of zeros. For example, order 18,000 pF as 183. (For values below 10 pF, use “R” in place of decimal point, e.g., 1R4 = 1.4pF). Capacitance Tolerance: C = ±0.25 pF, D = ±0.5 pF, F = ±1%, G = ±2%, J = ±5%, K = ±10% Military Failure Rate: M = 1% per 1000 hours, P = 0.1% per 1000 hours, R = 0.01% per 1000 hours, S = 0.001% per 1000 hours. PACKAGING REQUIREMENTS Packaging: CCR0X: 100 pcs/bag; CC0X: 1000 pcs/bag Permissible capacitance change from capacitance at +25°C in ppm/°C Temp. Characteristic CX CK CJ CH CG +125°C 1/ ±250 ppm/°C ±120 ppm/°C ±60 ppm/°C ±30 ppm/°C -55°C 2/ 1/ +246.25 +116.25 +55.00 +27.50 -326.25 -166.25 -91.25 -53.75 SIZE SPECIFICATIONS Dimensions: Millimeters (Inches) Per MIL Spec Case Size Lead Lead MIL-C-20 Length Width Thickness Spacing Diameter (L) (W) (T) (L.S.) (L.D.) CCR05/CC05 4.83±.25 4.83±.25 2.29±.25 5.08±.38 .64±.05 Figures 1, 4 (.190±.010) (.190±.010) (.090±.010) (.200±.015) (.025±.002) CCR06/CC06 7.37±.25 7.37±.25 2.29±.25 5.08±.38 .64±.05 Figures 2, 3 (.290±.010) (.290±.010) (.090±.010) (.200±.015) (.025±.002) CCR07/CC07 12.19±.51 12.19±.51 3.56±.25 10.16±.51 .64±.05 Figure 2 (.480±.020) (.480±.020) (.140±.010) (.400±.020) (.025±.002) CCR08/CC08 12.19±.51 12.19±.51 6.1±.25 10.16±.51 .64±.05 Figure 2 (.480±.020) (.480±.020) (.240±.010) (.400±.020) (.025±.002) CCR09/CC09 4.83±.25 4.83±.25 2.29±.25 2.54±.38 .64±.05 Figure 2 (.190±.010) (.190±.010) (.090±.010) (.100±.015) (.025±.002) L.D. L.D. L.D. L.D. L.S. L.S. L.S. L.S. W W W W T T T L L L L 1.250 Min. 1.250 Min. Figure 1 Figure 2 Figure 4 Figure 3 Military Type Capacitance Capacitance Designation (pF) Tolerance WVDC CC05-CCR05, CC09-CCR09 CCR05CX1R0_ 1.0 C 200 CCR05CX1R1_ 1.1 C 200 CCR05CX1R2_ 1.2 C 200 CCR05CX1R3_ 1.3 C 200 CCR05CX1R5_ 1.5 C 200 CCR05CX1R6_ 1.6 C 200 CCR05CX1R8_ 1.8 C 200 CCR05CX2R0_ 2.0 C 200 CCR05CK2R2_ 2.2 C 200 CCR05CK2R4_ 2.4 C 200 CCR05CK2R7_ 2.7 C, D 200 CCR05CK3R0_ 3.0 C, D 200 CCR05CK3R3_ 3.3 C, D 200 CCR05CK3R6_ 3.6 C, D 200 CCR05CK3R9_ 3.9 C, D 200 Military Type Capacitance Capacitance Designation (pF) Tolerance WVDC CC05-CCR05, CC09-CCR09 CCR05CJ4R3_ 4.3 C, D 200 CCR05CJ4R7_ 4.7 C, D 200 CCR05CJ5R1_ 5.1 C, D 200 CCR05CJ5R6_ 5.6 C, D 200 CCR05CJ6R2_ 6.2 C, D 200 CCR05CJ6R8_ 6.8 C, D 200 CCR05CJ7R5_ 7.5 C, D 200 CCR05CH8R2_ 8.2 C, D 200 CCR05CH9R1_ 9.1 C, D 200 CCR05CH100_ 10 G, J 200 CCR05CH110_ 11 G, J 200 CCR05CH120_ 12 G, J 200 CCR05CH130_ 13 G, J 200 CCR05CH150_ 15 G, J 200 CCR05CH160_ 16 G, J 200 Add appropriate failure rate level (M, P, R, or S), add V for Stand-off Add appropriate cap. tolerance letter Add appropriate failure rate level (M, P, R, or S), add V for Stand-off Add appropriate cap. tolerance letter Part Number Example CCR06 CG 183 J R (V) Style Temperature Characteristic Capacitance Code Capacitance Tolerance Military Failure Rate Stand-off Option To order stand-off option, place “V” at the end of the part number. For example: CCR05CG332FSV. MILITARY PART NUMBER IDENTIFICATION |
Número de pieza similar - SR217E104DAT |
|
Descripción similar - SR217E104DAT |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |