Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FW92RNTM Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza FW92RNTM
Descripción Electrónicos  Penta-band cellular 2G/3G GSM/CDMA/UMTS Flexible Whip Monopole Antenna 850/900/1800/1900/2100 MHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

FW92RNTM Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FW92RNTM Datasheet HTML 1Page - List of Unclassifed Manufacturers FW92RNTM Datasheet HTML 2Page - List of Unclassifed Manufacturers FW92RNTM Datasheet HTML 3Page - List of Unclassifed Manufacturers FW92RNTM Datasheet HTML 4Page - List of Unclassifed Manufacturers FW92RNTM Datasheet HTML 5Page - List of Unclassifed Manufacturers FW92RNTM Datasheet HTML 6Page - List of Unclassifed Manufacturers FW92RNTM Datasheet HTML 7Page - List of Unclassifed Manufacturers FW92RNTM Datasheet HTML 8Page - List of Unclassifed Manufacturers FW92RNTM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SPE-12-8-090/A/WY
Page 3 of 13
2.Specification
CELLULAR
Frequency (MHz)
824~896
880~960
1710~1880
1850~1990
1710~2170
Peak Gain (dBi)
Free Space
-0.2
-0.1
3.0
3.3
3.3
With Ground
plane(30x30cm)
3.3
3.4
3.9
4.0
4.0
Average Gain (dBi)
Free Space
-3.8
-3.4
-2.3
-1.9
-1.9
With Ground
plane(30x30cm)
-1.2
-2.1
-2.0
-1.5
-1.4
Efficiency
Free Space
41%
46%
59%
65%
65%
With Ground
plane(30x30cm)
70%
61%
63%
71%
72%
Impedance
50Ω
Polarization
Linear
Radiation Pattern
Omni
Input Power
50 W
MECHANICAL
Dimensions
Height 274 ± 5 mm
Base Diameter
20 ± 0.1 mm
Whip Diameter
4 ± 0.2 mm
Casing
ABS
Connector
RP-N-type Male
ENVIRONMENTAL
Temperature Range
-40°C to 85°C
Humidity
Non-condensing 65°C 95% RH


Número de pieza similar - FW92RNTM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taoglas antenna solutio...
FW92RNTM TAOGLAS-FW92RNTM Datasheet
703Kb / 13P
   Penta-band cellular 2G/3G GSM/CDMA/UMTS Flexible Whip Monopole Antenna
More results

Descripción similar - FW92RNTM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
FW90SMAM ETC2-FW90SMAM Datasheet
493Kb / 12P
   Penta-band Cellular 2G/3G GSM/CDMA/UMTS Flexible Whip Monopole Antenna 850/900/1800/1900/2100 MHz
FW91TNCM ETC2-FW91TNCM Datasheet
454Kb / 12P
   Penta-band cellular 2G/3G GSM/CDMA/UMTS Flexible Whip Monopole Antenna 850/900/1800/1900/2100 MHz
logo
Taoglas antenna solutio...
FW92RNTM TAOGLAS-FW92RNTM Datasheet
703Kb / 13P
   Penta-band cellular 2G/3G GSM/CDMA/UMTS Flexible Whip Monopole Antenna
PC29070100A TAOGLAS-PC29070100A Datasheet
972Kb / 11P
   TheStripe??Penta-Band GSM 850 / 900 / 1800 / 1900 & UMTS / WCDMA (3G) 2100 MHz
PC29090100A TAOGLAS-PC29090100A Datasheet
941Kb / 11P
   TheStripe Penta-band Cellular 850 / 900 / 1800 / 1900 UMTS / WCDMA (3G) 2100 MHz PCB Antenna
PC29.09.0100A TAOGLAS-PC29.09.0100A_17 Datasheet
1Mb / 11P
   TheStripe??Penta-band Cellular 850 / 900 / 1800 / 1900 UMTS / WCDMA (3G) 2100 MHz PCB Antenna
FW.91.TNC.M TAOGLAS-FW.91.TNC.M_17 Datasheet
826Kb / 13P
   Penta-band cellular 2G/3G GSM/CDMA/UMTS
FW.92.RNT.M TAOGLAS-FW.92.RNT.M_17 Datasheet
835Kb / 13P
   Penta-band cellular 2G/3G GSM/CDMA/UMTS
logo
List of Unclassifed Man...
PC29070100A ETC2-PC29070100A Datasheet
892Kb / 13P
   GSM 850/900/1800/1900 & UMTS/WCDMA(3G) 2100 MHz 80mm*30mm PCB Antenna
PC29090100A ETC2-PC29090100A Datasheet
917Kb / 13P
   Cellular 850/900/1800/1900 & UMTS/WCDMA(3G) 2100 MHz 80mm*30mm PCB Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com