Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SR217C104CAA Datasheet(PDF) 70 Page - AVX Corporation

No. de pieza SR217C104CAA
Descripción Electrónicos  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVX [AVX Corporation]
Página de inicio  http://www.avx.com
Logo AVX - AVX Corporation

SR217C104CAA Datasheet(HTML) 70 Page - AVX Corporation

Back Button SR217C104CAA Datasheet HTML 64Page - AVX Corporation SR217C104CAA Datasheet HTML 65Page - AVX Corporation SR217C104CAA Datasheet HTML 66Page - AVX Corporation SR217C104CAA Datasheet HTML 67Page - AVX Corporation SR217C104CAA Datasheet HTML 68Page - AVX Corporation SR217C104CAA Datasheet HTML 69Page - AVX Corporation SR217C104CAA Datasheet HTML 70Page - AVX Corporation SR217C104CAA Datasheet HTML 71Page - AVX Corporation SR217C104CAA Datasheet HTML 72Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 70 / 72 page
background image
68
MIL-C-123
M123A
02BPC
271FC
JAN
271 F
100 V
9910AA
12345
Cap. Value
Cap. Tolerance and Voltage
Date and 2 Digit Lot Code
FSCM
Part Number
CKS06, -/02
M123A
01BPC
4R7CC
JAN
9910AA
12345
Date and 2 Digit Lot Code
FSCM
Part Number
CKS05, -/01
Radials
123A
270F
9910
BUJAP
Spec. Number and Modification Code
Cap. Value and Tolerance
Date Code
Manufacturer’s Trademark and TC Code
Lot Code and “J”
CKS11, -/04
Axials
Mfg. ID
Cap. Value and Tol.
Top
CKS22, -/16; CKS23 -/17; & CKS24 -/18
2 Pin DIP
A123271K
Date and Lot Code
Bottom
JP9910BU
J123A
05BPC
111CW
9910BU
12345
Part Number
Date and Lot Code
FSCM
“J”
CKS12, -/05
M123A06
BPC241FW
241 F
100 V
J 9910BU
12345
Part Number
Cap. Tolerance
Voltage
Date and Lot Code
FSCM
“J”
CKS14, -/06
Cap. Value
M123A07
BPC241FW
241 F
100 V
J 9910BU
12345
Part Number
Cap. Tolerance
Voltage
Date and Lot Code
FSCM
“J”
CKS15, -/07
Cap. Value
M123A08
BPC241FW
241 F
100 V
J 9910BU
12345
Part Number
Cap. Tolerance
Voltage
Date and Lot Code
FSCM
“J”
CKS16, -/08
Cap. Value
MARKING
MIL-C-123
MIL-C-39014
MIL-C-20
MIL-C-55681
AVX CATALOG
CKS #
M123/ -
CKR #
M39014/ -
CCR #
M20/ -
CDR #
M55681/ -
CKS05
/1
CKR05
/01
CCR05
/35
N/A
N/A
MR05
CKS06
/2
CKR06
/02
CCR06
/36
N/A
N/A
MR06
CKS11
/4
CKR11
/05
CCR75
/27
N/A
N/A
MA10
CKS12
/5
CKR12
/05
CCR76
/28
N/A
N/A
MA20
CKS14
/6
CKR14
/05
CCR77
/29
N/A
N/A
MA40
CKS15
/7
CKR15
/05
CCR78
/30
N/A
N/A
MA50
CKS16
/8
CKR16
/05
CCR79
/31
N/A
N/A
MA60
CKS51
/10
N/A
N/A
N/A
N/A
CDR01
/1
0805
CKS52
/11
N/A
N/A
N/A
N/A
N/A
N/A
1210
CKS53
/12
N/A
N/A
N/A
N/A
CDR03
/1
1808
CKS54
/13
N/A
N/A
N/A
N/A
CDR06
/3
2225
CKS22
/16
CKR22
/22
N/A
N/A
N/A
N/A
MD01
CKS23
/17
CKR23
/22
N/A
N/A
N/A
N/A
MD02
CKS24
/18
CKR24
/22
N/A
N/A
N/A
N/A
MD03
MILITARY PART NUMBER CROSS REFERENCE MIL-C-123/


Número de pieza similar - SR217C104CAA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVX Corporation
SR217C104CAR AVX-SR217C104CAR Datasheet
461Kb / 14P
   Radial Leads/SkyCap짰/SR Series
SR217C104CARAP1 AVX-SR217C104CARAP1 Datasheet
461Kb / 14P
   Radial Leads/SkyCap짰/SR Series
SR217C104CARAP1 AVX-SR217C104CARAP1 Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
SR217C104CART AVX-SR217C104CART Datasheet
461Kb / 14P
   Radial Leads/SkyCap짰/SR Series
SR217C104CART AVX-SR217C104CART Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
More results

Descripción similar - SR217C104CAA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com