Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SR217C104CAA Datasheet(PDF) 8 Page - AVX Corporation

No. de pieza SR217C104CAA
Descripción Electrónicos  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVX [AVX Corporation]
Página de inicio  http://www.avx.com
Logo AVX - AVX Corporation

SR217C104CAA Datasheet(HTML) 8 Page - AVX Corporation

Back Button SR217C104CAA Datasheet HTML 4Page - AVX Corporation SR217C104CAA Datasheet HTML 5Page - AVX Corporation SR217C104CAA Datasheet HTML 6Page - AVX Corporation SR217C104CAA Datasheet HTML 7Page - AVX Corporation SR217C104CAA Datasheet HTML 8Page - AVX Corporation SR217C104CAA Datasheet HTML 9Page - AVX Corporation SR217C104CAA Datasheet HTML 10Page - AVX Corporation SR217C104CAA Datasheet HTML 11Page - AVX Corporation SR217C104CAA Datasheet HTML 12Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
6
The effect of the application of DC voltage is shown in
Figure 4. The voltage coefficient is more pronounced for
higher K dielectrics. These figures are shown for room tem-
perature conditions. The combination characteristic known
as voltage temperature limits which shows the effects of
rated voltage over the operating temperature range is
shown in Figure 5 for the military BX characteristic.
Cap. Change vs. D.C. Volts
AVX X7R T.C.
Typical Cap. Change vs. Temperature
AVX X7R T.C.
Cap. Change vs. Frequency
“Q” vs. Frequency
Effects of Frequency – Frequency affects capacitance
and dissipation factor as shown in Figures 6 and 7.
Variation of impedance with frequency is an important con-
sideration for decoupling capacitor applications. Lead
length, lead configuration and body size all affect the
impedance level over more than ceramic formulation varia-
tions. (Figure 8)
Effects of Time – Class 2 ceramic capacitors change
capacitance and dissipation factor with time as well as
temperature, voltage and frequency. This change with time
is known as aging. Aging is caused by a gradual re-align-
ment of the crystalline structure of the ceramic and
produces an exponential loss in capacitance and decrease
in dissipation factor versus time. A typical curve of aging
rate for semistable ceramics is shown in Figure 9 and a
table is given showing the aging rates of various dielectrics.
If a ceramic capacitor that has been sitting on the shelf for
a period of time, is heated above its curie point, (125°C for
4 hours or 150°C for 12 hour will suffice) the part will
de-age and return to its initial capacitance and dissipation
factor readings. Because the capacitance changes rapidly,
immediately after de-aging, the basic capacitance
measurements are normally referred to a time period some-
time after the de-aging process. Various manufacturers use
different time bases but the most popular one is one day or
twenty-four hours after “last heat.” Change in the aging
curve can be caused by the application of voltage and
other stresses. The possible changes in capacitance due to
de-aging by heating the unit explain why capacitance
changes are allowed after test, such as temperature
cycling, moisture resistance, etc., in MIL specs. The
application of high voltages such as dielectric withstanding
voltages also tends to de-age capacitors and is why
re-reading of capacitance after 12 or 24 hours is allowed in
military specifications after dielectric strength tests have
been performed.
The Capacitor
25%
50%
75%
100%
Percent Rated Volts
2.5
0
-2.5
-5
-7.5
-10
0VDC
RVDC
-55 -35
-15
+5
+25 +45 +65 +85 +105 +125
Temperature Degrees Centigrade
+20
+10
0
-10
-20
-30
AVX C0G (NP0) T.C.
AVX X7R T.C.
1
10
100
1
10
100
1
KHz
KHz
KHz
MHz
MHz
MHz
GHz
Frequency
0
-10
-20
-30
AVX
C0G (NP0)
T.C.
AVX X7R T.C.
1
10
100
1
10
100
1
KHz
KHz
KHz
MHz
MHz
MHz
GHz
Frequency
2000
1600
1200
800
400
0
Figure 4
Figure 5
Figure 6
Figure 7


Número de pieza similar - SR217C104CAA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVX Corporation
SR217C104CAR AVX-SR217C104CAR Datasheet
461Kb / 14P
   Radial Leads/SkyCap짰/SR Series
SR217C104CARAP1 AVX-SR217C104CARAP1 Datasheet
461Kb / 14P
   Radial Leads/SkyCap짰/SR Series
SR217C104CARAP1 AVX-SR217C104CARAP1 Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
SR217C104CART AVX-SR217C104CART Datasheet
461Kb / 14P
   Radial Leads/SkyCap짰/SR Series
SR217C104CART AVX-SR217C104CART Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
More results

Descripción similar - SR217C104CAA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com