Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SR218C104FAA Datasheet(PDF) 55 Page - AVX Corporation

No. de pieza SR218C104FAA
Descripción Electrónicos  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVX [AVX Corporation]
Página de inicio  http://www.avx.com
Logo AVX - AVX Corporation

SR218C104FAA Datasheet(HTML) 55 Page - AVX Corporation

Back Button SR218C104FAA Datasheet HTML 51Page - AVX Corporation SR218C104FAA Datasheet HTML 52Page - AVX Corporation SR218C104FAA Datasheet HTML 53Page - AVX Corporation SR218C104FAA Datasheet HTML 54Page - AVX Corporation SR218C104FAA Datasheet HTML 55Page - AVX Corporation SR218C104FAA Datasheet HTML 56Page - AVX Corporation SR218C104FAA Datasheet HTML 57Page - AVX Corporation SR218C104FAA Datasheet HTML 58Page - AVX Corporation SR218C104FAA Datasheet HTML 59Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 72 page
background image
53
HOW TO ORDER
Military Type Designation: Styles CK05, CK06
For values, tolerances, voltages, sizes, configurations and
dielectrics not shown, contact AVX facilities directly
for information.
Part Number Example
CK05
BX
104
K
Style
Voltage-Temperature Limits
Capacitance Code
Capacitance Tolerance
MIL-C-11015/Radial Leads
MIL Part No. Codes
Style: CK = General purpose, ceramic dielectric, fixed
capacitors.
05 = Remaining two numbers identify shape and
dimension.
Voltage-Temperature Limits:
First letter identifies temperature range.
B = -55°C to +125°C
Second letter identifies voltage-temperature coefficient.
Sig. Fig. Capacitance and Multiplier:
First two digits are the significant figures of capacitance.
Third digit indicates the additional number of zeros.
For example, order 100,000 pF as 104.
Capacitance Tolerances: K = ±10%, M = ±20%
Packaging: CK05 1000 per bag
CK06 1000 per bag
Radial tape and reel packaging available upon
request (2500 pcs./reel).
Capacitance Change with Reference to 25°C
Second Letter
No Voltage
Rated Voltage
X
+15, -15%
+15, -25%
SIZE SPECIFICATIONS
Dimensions: Millimeters (Inches)
L.D.
L.D.
L.S.
L.S.
W
W
T
L
L
Figure 1
Figure 2
1.250 Min.
1.250 Min.
Case
Size
Per MIL Spec
MIL-C-11015
CK05 (Fig. 1)
CK06 (Fig. 2)
Length (L)
4.83±.25
7.37±.25
(.190±.010)
(.290±.010)
Width (W)
4.83±.25
7.37±.25
(.190±.010)
(.290±.010)
Thickness (T)
2.29±.25
2.29±.25
(.090±.010)
(.090±.010)
Lead
5.08±.38
5.08±.38
Spacing (L.S.)
(.200±.015)
(.200±.015)
Lead
.64±.05
.64±.05
Diameter (L.D.)
(.025±.002)
(.025±.002)


Número de pieza similar - SR218C104FAA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVX Corporation
SR218C104FAR AVX-SR218C104FAR Datasheet
461Kb / 14P
   Radial Leads/SkyCap짰/SR Series
SR218C104FARAP1 AVX-SR218C104FARAP1 Datasheet
461Kb / 14P
   Radial Leads/SkyCap짰/SR Series
SR218C104FARAP1 AVX-SR218C104FARAP1 Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
SR218C104FART AVX-SR218C104FART Datasheet
461Kb / 14P
   Radial Leads/SkyCap짰/SR Series
SR218C104FART AVX-SR218C104FART Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
More results

Descripción similar - SR218C104FAA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com