Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM28F010A-120PIB Datasheet(PDF) 29 Page - Advanced Micro Devices

No. de pieza AM28F010A-120PIB
Descripción Electrónicos  1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM28F010A-120PIB Datasheet(HTML) 29 Page - Advanced Micro Devices

Back Button AM28F010A-120PIB Datasheet HTML 25Page - Advanced Micro Devices AM28F010A-120PIB Datasheet HTML 26Page - Advanced Micro Devices AM28F010A-120PIB Datasheet HTML 27Page - Advanced Micro Devices AM28F010A-120PIB Datasheet HTML 28Page - Advanced Micro Devices AM28F010A-120PIB Datasheet HTML 29Page - Advanced Micro Devices AM28F010A-120PIB Datasheet HTML 30Page - Advanced Micro Devices AM28F010A-120PIB Datasheet HTML 31Page - Advanced Micro Devices AM28F010A-120PIB Datasheet HTML 32Page - Advanced Micro Devices AM28F010A-120PIB Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Am28F010A
29
AC Characteristics—Write (Erase/Program) Operations
Alternate CE# Controlled Writes
Notes:
1. Read timing characteristics during read/write operations are the same as during read-only operations. Refer to AC
Characteristics for Read Only operations.
2. Embedded Program Operation of 14 µs consists of 10 µs program pulse and 4 µs write recovery before read. This is the
minimum time for one pass through the programming algorithm.
3. Embedded erase operation of 5 sec consists of 4 sec array pre-programming time and one sec array erase time. This is a
typical time for one embedded erase operation.
4. Not 100% tested.
Parameter Symbols
Am28F010A Speed Options
JEDEC
Standard
Description
-70
-90
-120
-150
-200
Unit
tAVAV
tWC
Write Cycle Time (Note 4)
Min
70
90
120
150
200
ns
tAVEL
tAS
Address Setup Time
Min
0
0000
ns
tELAX
tAH
Address Hold Time
Min
45
45
50
60
75
ns
tDVEH
tDS
Data Setup Time
Min
45
45
50
50
50
ns
tEHDX
tDH
Data Hold Time
Min
10
10
10
10
10
ns
tOEH
Output Enable Hold Time for Embedded
Algorithm only
Min
10101010
10
ns
tGHEL
Read Recovery Time Before Write
Min
0
0000
ns
tWLEL
tWS
WE
# Setup Time by CE#
Min
0
0000
ns
tEHWK
tWH
CE
# Hold Time
Min
0
0000
ns
tELEH
tCP
Write Pulse Width
Min
65
65
70
80
80
ns
tEHEL
tCPH
Write Pulse Width High
Min
20
20
20
20
20
ns
tEHEH3
Embedded Program Operation (Note 2)
Min
14
14
14
14
14
µs
tEHEH4
Embedded Erase Operation (Note 2)
Typ
5
5555
sec
tVPEL
VPP Setup Time to Chip Enable Low (Note 3)
Min
100
100
100
100
100
ns
tVCS
VCC Setup Time (Note 3)
Min
50
50
50
50
50
µs
tVPPR
VPP Rise Time (Note 3) 90% VPPH
Min
500
500
500
500
500
ns
tVPPF
VPP Fall Time (Note 3) 90% VPPL
Min
500
500
500
500
500
ns
tLKO
VCC < VLKO to Reset (Note 3)
Min
100
100
100
100
100
ns


Número de pieza similar - AM28F010A-120PIB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Micro Devices
AM28F010 AMD-AM28F010 Datasheet
492Kb / 35P
   1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F010-120EC AMD-AM28F010-120EC Datasheet
492Kb / 35P
   1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F010-120ECB AMD-AM28F010-120ECB Datasheet
492Kb / 35P
   1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F010-120EE AMD-AM28F010-120EE Datasheet
492Kb / 35P
   1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F010-120EEB AMD-AM28F010-120EEB Datasheet
492Kb / 35P
   1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
More results

Descripción similar - AM28F010A-120PIB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Micro Devices
AM28F010 AMD-AM28F010 Datasheet
492Kb / 35P
   1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F020A AMD-AM28F020A Datasheet
470Kb / 35P
   2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F512A AMD-AM28F512A Datasheet
463Kb / 34P
   512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F256A AMD-AM28F256A Datasheet
456Kb / 35P
   256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F020 AMD-AM28F020 Datasheet
509Kb / 35P
   2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F256 AMD-AM28F256 Datasheet
493Kb / 35P
   256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F512 AMD-AM28F512 Datasheet
484Kb / 35P
   512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
logo
SPANSION
AM29F010B SPANSION-AM29F010B Datasheet
849Kb / 35P
   1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Advanced Micro Devices
AM29F010 AMD-AM29F010 Datasheet
370Kb / 31P
   1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29LV001B AMD-AM29LV001B Datasheet
453Kb / 38P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com