Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FP0-A04V Datasheet(PDF) 17 Page - Panasonic Semiconductor |
|
FP0-A04V Datasheet(HTML) 17 Page - Panasonic Semiconductor |
17 / 24 page FP-e FP-X FP2/FP2SH Can be used as a master station [F145 (Write) and F146 (Read) instructions]. Can easily communicate with temperature controllers, inverters, FP-e and overseas PLCs. Also serves as a slave station. Temperature controller Power meter Inverter Token passing Master/ Slave Master/ Slave Master/ Slave Master/ Slave A multi-master link of up to 99 units can be created. RS232C 2D code reader PD60/65 Eco Power Meter KW4M Temperature controller KT4H RS485 17 FP S (Sigma) Supports the enhancement of your equipment’s performance Network enhancement Modbus-compatible FP S (Sigma) is compatible with the world‘s de facto standard Modbus* and can serve as both Modbus RTU master and slave, making it ideal for air conditioning or temperature control etc. * Protocol developed by Modicon Inc., an American company Other available applications When 17 or more FP S (Sigma) units need to be linked, you can use the Modbus function instead of MEWNET-W0 to link up to 99 units. Since each FP S (Sigma) unit can be either a master or a slave, a multi-master link can be created by passing a token from a user program. Security enhancement Programs are copy-protected by the upload restriction setting and an eight-character password. The setting to inhibit the uploading of PLC programs to PCs protects your programs from unauthorized copying. (If this setting is released, programs in the PLC are forcibly cleared.) An eight-character password has been adopted. (The conventional four-character password is also available.) Approx. 218 trillion passwords can be set by combining eight alphanumeric characters, making it nearly impossible to crack the password set. Debugging performance enhancement Up to 512 steps can be rewritten simultaneously in RUN mode. This improvement allows efficient program debugging without stopping the operation. New “MEWTOCOL Master” function available The MEWTOCOL master function automatically creates and transmits commands using the Panasonic open protocol MEWTOCOL. This function significantly facilitates serial communications with MEWTOCOL-compatible equipment, such as PD60/65, KT4H and KW4M. FP S (Sigma) can serve as Modbus master or slave 09/2008 |
Número de pieza similar - FP0-A04V |
|
Descripción similar - FP0-A04V |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |