Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPD1XGJERE00047G Datasheet(PDF) 7 Page - OPLINK Communications Inc.

No. de Pieza. TPD1XGJERE00047G
Descripción  DWDM 40km SFP Transceivers
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  OPLINK [OPLINK Communications Inc.]
Página de inicio  http://www.oplink.com
Logo 

TPD1XGJERE00047G Datasheet(HTML) 7 Page - OPLINK Communications Inc.

   
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
S0217. Rev.01. 2010-12-06
7
TPD1XGJERxx
Oplink Communications, Inc
Model Name
Operating Temperature
Center
Wavelength
(nm)
ITU
Frequency
(THz)
Wavelength
Reference
Distance
TPD1XGJERC00044G
- 5°C to +70°C
Commercial
1542.14
194.4
44
40km
TPD1XGJERC00043G
- 5°C to +70°C
Commercial
1542.94
194.3
43
40km
TPD1XGJERC00042G
- 5°C to +70°C
Commercial
1543.73
194.2
42
40km
TPD1XGJERC00041G
- 5°C to +70°C
Commercial
1544.53
194.1
41
40km
TPD1XGJERC00040G
- 5°C to +70°C
Commercial
1545.32
194.0
40
40km
TPD1XGJERC00039G
- 5°C to +70°C
Commercial
1546.12
193.9
39
40km
TPD1XGJERC00038G
- 5°C to +70°C
Commercial
1546.92
193.8
38
40km
TPD1XGJERC00037G
- 5°C to +70°C
Commercial
1547.72
193.7
37
40km
TPD1XGJERC00036G
- 5°C to +70°C
Commercial
1548.51
193.6
36
40km
TPD1XGJERC00035G
- 5°C to +70°C
Commercial
1549.32
193.5
35
40km
TPD1XGJERC00034G
- 5°C to +70°C
Commercial
1550.12
193.4
34
40km
TPD1XGJERC00033G
- 5°C to +70°C
Commercial
1550.92
193.3
33
40km
TPD1XGJERC00032G
- 5°C to +70°C
Commercial
1551.72
193.2
32
40km
TPD1XGJERC00031G
- 5°C to +70°C
Commercial
1552.52
193.1
31
40km
TPD1XGJERC00030G
- 5°C to +70°C
Commercial
1553.33
193.0
30
40km
TPD1XGJERC00029G
- 5°C to +70°C
Commercial
1554.13
192.9
29
40km
TPD1XGJERC00028G
- 5°C to +70°C
Commercial
1554.94
192.8
28
40km
TPD1XGJERC00027G
- 5°C to +70°C
Commercial
1555.75
192.7
27
40km
TPD1XGJERC00026G
- 5°C to +70°C
Commercial
1556.55
192.6
26
40km
TPD1XGJERC00025G
- 5°C to +70°C
Commercial
1557.36
192.5
25
40km
TPD1XGJERC00024G
- 5°C to +70°C
Commercial
1558.17
192.4
24
40km
TPD1XGJERC00023G
- 5°C to +70°C
Commercial
1558.98
192.3
23
40km
TPD1XGJERC00022G
- 5°C to +70°C
Commercial
1559.79
192.2
22
40km
TPD1XGJERC00021G
- 5°C to +70°C
Commercial
1560.61
192.1
21
40km
TPD1XGJERC00020G
- 5°C to +70°C
Commercial
1561.42
192.0
20
40km
TPD1XGJERC00019G
- 5°C to +70°C
Commercial
1562.23
191.9
19
40km
TPD1XGJERC00018G
- 5°C to +70°C
Commercial
1563.05
191.8
18
40km
TPD1XGJERC00017G
- 5°C to +70°C
Commercial
1563.86
191.7
17
40km
Model Name
Operating Temperature
Center
Wavelength
(nm)
ITU
Frequency
(THz)
Wavelength
Reference
Distance
TPD1XGJERE00061G
- 5°C to +85°C
Extended
1528.77
196.1
61
40km
TPD1XGJERE00060G
- 5°C to +85°C
Extended
1529.55
196.0
60
40km
TPD1XGJERE00059G
- 5°C to +85°C
Extended
1530.33
195.9
59
40km
TPD1XGJERE00058G
- 5°C to +85°C
Extended
1531.12
195.8
58
40km
TPD1XGJERE00057G
- 5°C to +85°C
Extended
1531.90
195.7
57
40km
TPD1XGJERE00056G
- 5°C to +85°C
Extended
1532.68
195.6
56
40km
TPD1XGJERE00055G
- 5°C to +85°C
Extended
1533.47
195.5
55
40km
TPD1XGJERE00054G
- 5°C to +85°C
Extended
1534.25
195.4
54
40km
TPD1XGJERE00053G
- 5°C to +85°C
Extended
1535.04
195.3
53
40km
TPD1XGJERE00052G
- 5°C to +85°C
Extended
1535.82
195.2
52
40km
TPD1XGJERE00051G
- 5°C to +85°C
Extended
1536.61
195.1
51
40km
TPD1XGJERE00050G
- 5°C to +85°C
Extended
1537.40
195.0
50
40km


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn