Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM29LV200B-90RECB Datasheet(PDF) 6 Page - Advanced Micro Devices |
|
AM29LV200B-90RECB Datasheet(HTML) 6 Page - Advanced Micro Devices |
6 / 37 page Am29LV200 6 PREL I M I N AR Y ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combi- nation) is formed by a combination of the elements below. Valid Combinations Valid Combinations list configurations planned to be sup- ported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. DEVICE NUMBER/DESCRIPTION Am29LV200 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS Flash Memory 3.0 Volt-only Read, Program, and Erase C E -90R Am29LV200 T OPTIONAL PROCESSING Blank = Standard Processing B = Burn-in (Contact an AMD representative for more information) TEMPERATURE RANGE C= Commercial (0°C to +70°C) I = Industrial (–40°C to +85°C) E = Extended (–55°C to +125°C) PACKAGE TYPE E = 48-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 048) F = 48-Pin Thin Small Outline Package (TSOP) Reverse Pinout (TSR048) SPEED OPTION See Product Selector Guide and Valid Combinations BOOT CODE SECTOR ARCHITECTURE T = Top Sector B = Bottom Sector Valid Combinations Am29LV200T-90R, Am29LV200B-90R EC, EI, FC, FI, SC, SI Am29LV200T-100, Am29LV200B-100 EC, EI, EE, FC, FI, FE, SC, SI, SE Am29LV200T-120, Am29LV200B-120 Am29LV200T-150, Am29LV200B-150 |
Número de pieza similar - AM29LV200B-90RECB |
|
Descripción similar - AM29LV200B-90RECB |