Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPD1XGJERI00054G Datasheet(PDF) 9 Page - OPLINK Communications Inc.

No. de Pieza. TPD1XGJERI00054G
Descripción  DWDM 40km SFP Transceivers
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  OPLINK [OPLINK Communications Inc.]
Página de inicio  http://www.oplink.com
Logo 

TPD1XGJERI00054G Datasheet(HTML) 9 Page - OPLINK Communications Inc.

   
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
S0217. Rev.01. 2010-12-06
9
TPD1XGJERxx
Oplink Communications, Inc. reserves the right to make changes in equipment design or specifications without notice. Information supplied by Oplink Com-
munications, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Oplink Communications, Inc. for its use nor for any infringe-
ments of third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Oplink Communications, Inc.
© 2010, Oplink Communications, Inc.
Model Name
Operating Temperature
Center
Wavelength
(nm)
ITU
Frequency
(THz)
Wavelength
Reference
Distance
TPD1XGJERI00054G
-40°C to +85°C
Industrial
1534.25
195.4
54
40km
TPD1XGJERI00053G
-40°C to +85°C
Industrial
1535.04
195.3
53
40km
TPD1XGJERI00052G
-40°C to +85°C
Industrial
1535.82
195.2
52
40km
TPD1XGJERI00051G
-40°C to +85°C
Industrial
1536.61
195.1
51
40km
TPD1XGJERI00050G
-40°C to +85°C
Industrial
1537.40
195.0
50
40km
TPD1XGJERI00049G
-40°C to +85°C
Industrial
1538.19
194.9
49
40km
TPD1XGJERI00048G
-40°C to +85°C
Industrial
1538.98
194.8
48
40km
TPD1XGJERI00047G
-40°C to +85°C
Industrial
1539.77
194.7
47
40km
TPD1XGJERI00046G
-40°C to +85°C
Industrial
1540.56
194.6
46
40km
TPD1XGJERI00045G
-40°C to +85°C
Industrial
1541.35
194.5
45
40km
TPD1XGJERI00044G
-40°C to +85°C
Industrial
1542.14
194.4
44
40km
TPD1XGJERI00043G
-40°C to +85°C
Industrial
1542.94
194.3
43
40km
TPD1XGJERI00042G
-40°C to +85°C
Industrial
1543.73
194.2
42
40km
TPD1XGJERI00041G
-40°C to +85°C
Industrial
1544.53
194.1
41
40km
TPD1XGJERI00040G
-40°C to +85°C
Industrial
1545.32
194.0
40
40km
TPD1XGJERI00039G
-40°C to +85°C
Industrial
1546.12
193.9
39
40km
TPD1XGJERI00038G
-40°C to +85°C
Industrial
1546.92
193.8
38
40km
TPD1XGJERI00037G
-40°C to +85°C
Industrial
1547.72
193.7
37
40km
TPD1XGJERI00036G
-40°C to +85°C
Industrial
1548.51
193.6
36
40km
TPD1XGJERI00035G
-40°C to +85°C
Industrial
1549.32
193.5
35
40km
TPD1XGJERI00034G
-40°C to +85°C
Industrial
1550.12
193.4
34
40km
TPD1XGJERI00033G
-40°C to +85°C
Industrial
1550.92
193.3
33
40km
TPD1XGJERI00032G
-40°C to +85°C
Industrial
1551.72
193.2
32
40km
TPD1XGJERI00031G
-40°C to +85°C
Industrial
1552.52
193.1
31
40km
TPD1XGJERI00030G
-40°C to +85°C
Industrial
1553.33
193.0
30
40km
TPD1XGJERI00029G
-40°C to +85°C
Industrial
1554.13
192.9
29
40km
TPD1XGJERI00028G
-40°C to +85°C
Industrial
1554.94
192.8
28
40km
TPD1XGJERI00027G
-40°C to +85°C
Industrial
1555.75
192.7
27
40km
TPD1XGJERI00026G
-40°C to +85°C
Industrial
1556.55
192.6
26
40km
TPD1XGJERI00025G
-40°C to +85°C
Industrial
1557.36
192.5
25
40km
TPD1XGJERI00024G
-40°C to +85°C
Industrial
1558.17
192.4
24
40km
TPD1XGJERI00023G
-40°C to +85°C
Industrial
1558.98
192.3
23
40km
TPD1XGJERI00022G
-40°C to +85°C
Industrial
1559.79
192.2
22
40km
TPD1XGJERI00021G
-40°C to +85°C
Industrial
1560.61
192.1
21
40km
TPD1XGJERI00020G
-40°C to +85°C
Industrial
1561.42
192.0
20
40km
TPD1XGJERI00019G
-40°C to +85°C
Industrial
1562.23
191.9
19
40km
TPD1XGJERI00018G
-40°C to +85°C
Industrial
1563.05
191.8
18
40km
TPD1XGJERI00017G
-40°C to +85°C
Industrial
1563.86
191.7
17
40km


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn