Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS2807Y1K5 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza ADS2807Y1K5
Descripción Electrónicos  Dual, 12-Bit, 50MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

ADS2807Y1K5 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS2807Y1K5 Datasheet HTML 6Page - Texas Instruments ADS2807Y1K5 Datasheet HTML 7Page - Texas Instruments ADS2807Y1K5 Datasheet HTML 8Page - Texas Instruments ADS2807Y1K5 Datasheet HTML 9Page - Texas Instruments ADS2807Y1K5 Datasheet HTML 10Page - Texas Instruments ADS2807Y1K5 Datasheet HTML 11Page - Texas Instruments ADS2807Y1K5 Datasheet HTML 12Page - Texas Instruments ADS2807Y1K5 Datasheet HTML 13Page - Texas Instruments ADS2807Y1K5 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADS2807
10
SBAS169B
www.ti.com
increasing the size of the series resistor and/or capacitor will
improve the SNR performance, but depending on the signal
source, large resistor values may be detrimental to achieving
good harmonic distortion. In any case, optimizing the R-C
values for the specific application is encouraged.
Transformer Coupled, Single-Ended to Differential
Configuration
If the application requires a signal conversion from a single-
ended source to drive the ADS2807 differentially, an RF
transformer might be a good solution. The selected trans-
former must have a center tap in order to apply the common-
mode DC voltage necessary to bias the converter inputs. AC
grounding the center tap will generate the differential signal
swing across the secondary winding. Consider a step-up
transformer to take advantage of a signal amplification with-
out the introduction of another noise source. Furthermore,
the reduced signal swing from the source may lead to
improved distortion performance.
The differential input configuration provides the noticeable
advantage of achieving high SFDR over a wide range of
input frequencies. In this mode, both inputs of the ADS2807
see matched impedances. Figure 1 shows the schematic for
the suggested transformer coupled interface circuit. The
component values of the R-C low-pass may be optimized
depending on the desired roll-off frequency. The resistor
across the secondary side (RT) should be calculated using
the equation RT = n2 • RG to match the source impedance
(RG) for good power transfer and VSWR.
The circuit example of Figure 1 shows voltage feedback
amplifier OPA680 driving the RF transformer, which converts
the single-ended signal into a differential. The OPA680 can
be employed for either single- or dual-supply operation. For
details on how to optimize its frequency response, refer to
the OPA680 data sheet. With the 49.9
Ω series output resis-
tor, the amplifier emulates a 50
Ω source (R
G). Any DC
content of the signal can be easily blocked by a capacitor
(0.1
µF) to avoid DC loading of the op amp’s output stage.
AC-Coupled, Single-Ended to Differential Interface
with Dual-Supply Op Amps
Some applications demand a very high dynamic range and
low levels of intermodulation distortion, but usually allow the
input signal to be AC-coupled into the ADC. Appropriate
driver amplifiers need to be selected to maintain the excellent
distortion performance of the ADS2807. Often, these op
amps deliver the lowest distortion with a small, ground-
centered signal swing that requires dual power supplies.
Because of the AC-coupling, this requirement can be easily
accomplished, and the needed level shifting of the input
signal can be implemented without affecting the driver circuit.
FIGURE 1. Converting a Single-Ended Input Signal into a Differential Signal Using an RF-Transformer.
V
IN
IN
IN
CM
+2.5V
24.9
24.9
10
µF
0.1
µF
47pF
R
T
47pF
1:n
0.1
µF
R
G
R
2
R
1
OPA680
49.9
1/2
ADS2807Y
+
One Channel of Two


Número de pieza similar - ADS2807Y1K5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS2807Y1K5 TI-ADS2807Y1K5 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 12-Bit, 50MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS2807Y1K5G4 TI-ADS2807Y1K5G4 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 12-Bit, 50MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS2807Y1K5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS2807Y TI-ADS2807Y Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 12-Bit, 50MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS2807 BURR-BROWN-ADS2807 Datasheet
377Kb / 19P
   Dual, 12-Bit, 50MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS2806 BURR-BROWN-ADS2806 Datasheet
378Kb / 19P
   Dual, 12-Bit, 32MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com