Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC239 Datasheet(PDF) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

No. de pieza BC239
Descripción Electrónicos  TRANSISTOR (NPN)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Página de inicio  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BC239 Datasheet(HTML) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  BC239 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BC239 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
Base-emitter saturation voltage
VBE(sat)
IC=10mA, IB=0.5mA
IC=100mA,IB=5mA
0.83
1.05
V
Base-emitter voltage
VBE
VCE=5V, IC=0.1mA
VCE=5V, IC=2mA
VCE=5V, IC=100mA
0.55
0.5
0.62
0.83
0.7
V
Transition frequency
fT
VCE=3V,IC=0.5mA,f=100MHz BC237
BC238
BC239
VCE=5V,IC=10mA,f=100MHz BC237
BC238
BC239
150
150
150
100
120
140
200
240
280
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
4.5
pF
Emitter-base capacitance
Cib
VEB=0.5V, IC=0, f=1MHz
8
Pf
Noise figure
NF
VCE=5V, Ic=0.2mA,
f=
1kHZ, Rs=2KΩ
BC239
VCE=5V, Ic=0.2mA,
f=
1kHZ, Rs=2KΩ, ∆f=200Hz BC237
BC238
BC239
2
2
2
2
4
10
10
4
dB
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Número de pieza similar - BC239

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
BC239 MOTOROLA-BC239 Datasheet
112Kb / 4P
   Amplifier Transistors
logo
ARTSCHIP ELECTRONICS CO...
BC239 ARTSCHIP-BC239 Datasheet
181Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
ON Semiconductor
BC239 ONSEMI-BC239 Datasheet
83Kb / 4P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
List of Unclassifed Man...
BC239 ETC2-BC239 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Fairchild Semiconductor
BC239 FAIRCHILD-BC239 Datasheet
45Kb / 4P
   NPN EPITAXIAL SILICON TRANSISTOR
More results

Descripción similar - BC239

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com