Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SA1483-Y Datasheet(PDF) 2 Page - Toshiba Semiconductor

No. de pieza 2SA1483-Y
Descripción Electrónicos  High Frequency Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1483-Y Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SA1483-Y Datasheet HTML 1Page - Toshiba Semiconductor 2SA1483-Y Datasheet HTML 2Page - Toshiba Semiconductor 2SA1483-Y Datasheet HTML 3Page - Toshiba Semiconductor 2SA1483-Y Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA1483
2006-11-09
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = −45 V, IE = 0
−0.1
μA
Emitter cut-off current
IEBO
VEB = −5 V, IC = 0
−0.1
μA
hFE (1)
(Note 3)
VCE = −1 V, IC = −10 mA
40
240
DC current gain
hFE (2)
VCE = −3 V, IC = −200 mA
20
Collector-emitter saturation voltage
VCE (sat)
IC = −100 mA, IB = −10 mA
−0.3
V
Base-emitter saturation voltage
VBE (sat)
IC = −100 mA, IB = −10 mA
−1.0
V
Transition frequency
fT
VCE = −10 V, IC = −10 mA
100
200
MHz
Input impedance (real part)
Re (hie)
VCE = −10 V, IE = 10 mA, f = 200 MHz
120
Collector output capacitance
Cob
VCB = −10 V, IE = 0, f = 1 MHz
3.5
5
pF
Turn-on time
ton
40
Storage time
tstg
250
Switching time
Fall time
tf
30
ns
Note 3: hFE (1) classification R: 40 to 80, O: 70 to 140, Y: 120 to 240
Marking
W
Part No. (or abbreviation code)
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Characteristics indicator
OUTPUT
680 Ω
VCC
= −12 V
VBB
= 3 V
INPUT
0
−10 V
1 μs
DUTY CYCLE ≤ 2%


Número de pieza similar - 2SA1483-Y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SA1483-Y KEXIN-2SA1483-Y Datasheet
927Kb / 3P
   PNP Transistors
More results

Descripción similar - 2SA1483-Y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SK711-BL TOSHIBA-2SK711-BL Datasheet
222Kb / 5P
   High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SK1875-V TOSHIBA-2SK1875-V Datasheet
256Kb / 5P
   High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SK711-V TOSHIBA-2SK711-V Datasheet
222Kb / 5P
   High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SC4915-R TOSHIBA-2SC4915-R Datasheet
291Kb / 5P
   High Frequency Amplifier Applications
2SC2716 TOSHIBA-2SC2716 Datasheet
207Kb / 4P
   HIGH FREQUENCY AMPLIFIER APPLICATIONS
logo
Guangdong Kexin Industr...
2SC3803 KEXIN-2SC3803 Datasheet
363Kb / 3P
   High Frequency Amplifier Applications
2SA1483 KEXIN-2SA1483 Datasheet
363Kb / 3P
   High Frequency Amplifier Applications
logo
Toshiba Semiconductor
2SA594 TOSHIBA-2SA594 Datasheet
185Kb / 2P
   HIGH FREQUENCY AMPLIFIER APPLICATIONS
2SC2714-O TOSHIBA-2SC2714-O Datasheet
548Kb / 8P
   High Frequency Amplifier Applications
2SC2714YTE85L TOSHIBA-2SC2714YTE85L Datasheet
548Kb / 8P
   High Frequency Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com