Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BTB41-800BRG Datasheet(PDF) 5 Page - STMicroelectronics |
|
BTB41-800BRG Datasheet(HTML) 5 Page - STMicroelectronics |
5 / 7 page BTA40, BTA41 and BTB41 Series 5/7 Figure 10: Ordering Information Scheme Table 7: Product Selector Figure 11: TOP3 (Insulated and non insulated) Package Mechanical Data Part Numbers Voltage (xxx) Sensitivity Type Package 600 V 800 V BTA40-xxxB X X 50 mA Standard RD91 BTA41-xxxBRG X X 50 mA Standard TOP3 Ins. BTB41-xxxBRG X X 50 mA Standard TOP3 BTB: non insulated TOP3 package BT A 40 - 600 B RG Triac series Insulation Current Voltage Sensitivity and type Packing mode A = insulated B = non insulated 40 = 40A in RD91 41 = 40A in TOP3 600 = 600V 800 = 800V B = 50mA Standard RG = Tube Blank = Bulk R H K G F E D B A C JJ P ØL REF. DIMENSIONS Millimeters Inches Min. Typ. Max. Min. Typ. Max. A 4.4 4.6 0.173 0.181 B 1.45 1.55 0.057 0.061 C 14.35 15.60 0.565 0.614 D 0.5 0.7 0.020 0.028 E 2.7 2.9 0.106 0.114 F 15.8 16.5 0.622 0.650 G 20.4 21.1 0.815 0.831 H 15.1 15.5 0.594 0.610 J 5.4 5.65 0.213 0.222 K 3.4 3.65 0.134 0.144 ØL 4.08 4.17 0.161 0.164 P 1.20 1.40 0.047 0.055 R 4.60 0.181 |
Número de pieza similar - BTB41-800BRG |
|
Descripción similar - BTB41-800BRG |