Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AME8840 Datasheet(PDF) 9 Page - Analog Microelectronics |
|
AME8840 Datasheet(HTML) 9 Page - Analog Microelectronics |
9 / 14 page Analog Microelectronics, Inc. 9 AME8801/8812/8840 300mA CMOS LDO Overtemperature Shutdown TIME (0.5Sec/DIV) R LOAD =6.6 Ω 0 0 -80 -70 -60 -50 -40 -30 -20 -10 1.0E+01 1.0E+02 1.0E+03 1.0E+04 1.0E+05 1.0E+06 Power Supply Rejection Ratio Frequency (Hz) C L = 10 µF Tantalum I L = 100 mA C BYP = 0 C BYP = 100 pF C BYP = 1 n F C BYP = 10 n F -80 -70 -60 -50 -40 -30 -20 -10 1.0E+01 1.0E+02 1.0E+03 1.0E+04 1.0E+05 Power Supply Rejection Ratio Frequency (Hz) C L = 5.6 µF Ceramic I L = 100 mA C BYP = 0 C BYP = 100 pF C BYP = 1 n F C BYP = 10 n F -80 -70 -60 -50 -40 -30 -20 1.0E+01 1.0E+03 1.0E+05 1.0E+07 Power Supply Rejection Ratio Frequency (Hz) C L =2.2 µF Tantalum C BYP =1000pF 100mA 100 µA 1mA 10mA 100mA 100 µA -80 -70 -60 -50 -40 -30 -20 -10 0 1.0E+01 1.0E+03 1.0E+05 1.0E+07 Power Supply Rejection Ratio Frequency (Hz) 100mA 10mA 1mA 100 µA 100mA 100 µA C L =2.2 µF Tantalum C BYP =0 Short Circuit Response TIME (2mS/DIV) R LOAD =100 Ω R SHORT =0.1 Ω 0 0 |
Número de pieza similar - AME8840 |
|
Descripción similar - AME8840 |