Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
4N25-M Datasheet(PDF) 10 Page - Fairchild Semiconductor |
|
4N25-M Datasheet(HTML) 10 Page - Fairchild Semiconductor |
10 / 15 page 6/15/05 4N25 4N26 4N27 4N28 4N35 4N36 4N37 H11A1 H11A2 H11A3 H11A4 H11A5 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS Page 10 of 15 © 2005 Fairchild Semiconductor Corporation Black Package (No -M Suffix) NOTE All dimensions are in inches (millimeters) Package Dimensions (Through Hole) Package Dimensions (Surface Mount) Package Dimensions (0.4” Lead Spacing) Recommended Pad Layout for Surface Mount Leadform 0.100 (2.54) TYP 0.020 (0.51) MIN 0.350 (8.89) 0.330 (8.38) 0.270 (6.86) 0.240 (6.10) PIN 1 ID. 0.022 (0.56) 0.016 (0.41) 0.070 (1.78) 0.045 (1.14) 0.200 (5.08) 0.115 (2.92) 0.300 (7.62) TYP 0° to 15° 0.154 (3.90) 0.100 (2.54) 0.016 (0.40) 0.008 (0.20) 0.350 (8.89) 0.320 (8.13) 0.260 (6.60) 0.240 (6.10) 0.390 (9.90) 0.332 (8.43) 0.070 (1.77) 0.040 (1.02) 0.014 (0.36) 0.010 (0.25) 0.320 (8.13) 0.035 (0.88) 0.012 (0.30) 0.012 (0.30) 0.008 (0.20) 0.200 (5.08) 0.115 (2.93) 0.025 (0.63) 0.020 (0.51) 0.020 (0.50) 0.016 (0.41) 0.100 [2.54] Pin 1 ID 0.016 (0.40) 0.008 (0.20) 0.070 (1.78) 0.045 (1.14) 0.350 (8.89) 0.330 (8.38) 0.154 (3.90) 0.100 (2.54) 0.200 (5.08) 0.135 (3.43) 0.004 (0.10) MIN 0.270 (6.86) 0.240 (6.10) 0.400 (10.16) TYP 0 ° to 15° 0.022 (0.56) 0.016 (0.41) 0.100 (2.54) TYP PIN 1 ID 0.070 (1.78) 0.060 (1.52) 0.030 (0.76) 0.100 (2.54) 0.295 (7.49) 0.415 (10.54) |
Número de pieza similar - 4N25-M |
|
Descripción similar - 4N25-M |