Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AME8805GEGT Datasheet(PDF) 5 Page - Analog Microelectronics |
|
AME8805GEGT Datasheet(HTML) 5 Page - Analog Microelectronics |
5 / 11 page AME, Inc. 5 AME8805 / 8810 600mA CMOS LDO Part Number Marking Output Voltage Package Operating Temp. Range AME8805DEGT ADEyww 2.5V SOT-223 - 40 oC to + 85oC AME8805DEGTZ ADEyww 2.5V SOT-223 - 40 oC to + 85oC AME8805EEGT ADFyww 3.8V SOT-223 - 40 oC to + 85oC AME8805FEGT ADGyww 3.6V SOT-223 - 40 oC to + 85oC AME8805GEGT ADHyww 3.5V SOT-223 - 40 oC to + 85oC AME8805HEGT AEJyww 2.7V SOT-223 - 40 oC to + 85oC AME8805IEGT AERyww 3.4V SOT-223 - 40 oC to + 85oC AME8805JEGT AGTyww 2.85V SOT-223 - 40 oC to + 85oC AME8805KEGT AHVyww 3.7V SOT-223 - 40 oC to + 85oC AME8805MEGT AJJyww 1.8V SOT-223 - 40 oC to + 85oC AME8805NEGT AKSyww 2.9V SOT-223 - 40 oC to + 85oC AME8805OEGT AKTyww 3.1V SOT-223 - 40 oC to + 85oC AME88051EGT AWLww 1.3V SOT-223 - 40 oC to + 85oC AME8810AEGT ADIyww 3.3V SOT-223 - 40 oC to + 85oC AME8810AEGTZ ADIyww 3.3V SOT-223 - 40 oC to + 85oC AME8810BEGT ADJyww 3.0V SOT-223 - 40 oC to + 85oC AME8810BEGTZ ADJyww 3.0V SOT-223 - 40 oC to + 85oC AME8810CEGT ADKyww 2.8V SOT-223 - 40 oC to + 85oC AME8810DEGT ADLyww 2.5V SOT-223 - 40 oC to + 85oC AME8810EEGT ADMyww 3.8V SOT-223 - 40 oC to + 85oC AME8810FEGT ADNyww 3.6V SOT-223 - 40 oC to + 85oC AME8810GEGT ADOyww 3.5V SOT-223 - 40 oC to + 85oC AME8810HEGT AEKyww 2.7V SOT-223 - 40 oC to + 85oC AME8810IEGT AESyww 3.4V SOT-223 - 40 oC to + 85oC AME8810JEGT AGVyww 2.85V SOT-223 - 40 oC to + 85oC AME8810KEGT AHXyww 3.7V SOT-223 - 40 oC to + 85oC AME8810LEGT AJFyww 1.5V SOT-223 - 40 oC to + 85oC AME8810MEGT AJGyww 1.8V SOT-223 - 40 oC to + 85oC AME8810NEGT AKWyww 2.9V SOT-223 - 40 oC to + 85oC AME8810OEGT AKXyww 3.1V SOT-223 - 40 oC to + 85oC n Ordering Information (contd.) Please consult AME sales office or authorized Rep./Distributor for other output voltage and package type availability. |
Número de pieza similar - AME8805GEGT |
|
Descripción similar - AME8805GEGT |