Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74ABT373PWE4 Datasheet(PDF) 2 Page - Texas Instruments |
|
|
SN74ABT373PWE4 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 21 page SN54ABT373, SN74ABT373 OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS SCBS155D – JANUARY 1991 – REVISED MAY 1997 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 logic symbol† 1D 3 1D 4 2D 7 3D EN 1 1Q 2 2Q 5 3Q 6 8 4D 13 5D 14 6D 4Q 9 5Q 12 6Q 15 OE 17 7D 18 8D C1 11 LE 7Q 16 8Q 19 † This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12. logic diagram (positive logic) OE To Seven Other Channels 1 11 3 2 LE 1D C1 1D 1Q absolute maximum ratings over operating free-air temperature range (unless otherwise noted)‡ Supply voltage range, VCC –0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (see Note 1) –0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Voltage range applied to any output in the high or power-off state, VO –0.5 V to 5.5 V . . . . . . . . . . . . . . . . . . . Current into any output in the low state, IO: SN54ABT373 96 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . SN74ABT373 128 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input clamp current, IIK (VI < 0) –18 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output clamp current, IOK (VO < 0) –50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 2): DB package 115 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DW package 97 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . N package 67 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PW package 128 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg –65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. The package thermal impedance is calculated in accordance with EIA/JEDEC Std JESD51, except for through-hole packages, which use a trace length of zero. |
Número de pieza similar - SN74ABT373PWE4 |
|
Descripción similar - SN74ABT373PWE4 |