Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74ACT14DBLE Datasheet(PDF) 6 Page - Texas Instruments |
|
SN74ACT14DBLE Datasheet(HTML) 6 Page - Texas Instruments |
6 / 20 page PACKAGE OPTION ADDENDUM www.ti.com 25-Sep-2013 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples SN74ACT14NSRE4 ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 ACT14 SN74ACT14NSRG4 ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 ACT14 SN74ACT14PW ACTIVE TSSOP PW 14 90 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 AD14 SN74ACT14PWE4 ACTIVE TSSOP PW 14 90 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 AD14 SN74ACT14PWG4 ACTIVE TSSOP PW 14 90 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 AD14 SN74ACT14PWLE OBSOLETE TSSOP PW 14 TBD Call TI Call TI -40 to 85 SN74ACT14PWR ACTIVE TSSOP PW 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 AD14 SN74ACT14PWRE4 ACTIVE TSSOP PW 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 AD14 SN74ACT14PWRG4 ACTIVE TSSOP PW 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 AD14 SNJ54ACT14FK ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 5962- 9218301M2A SNJ54ACT 14FK SNJ54ACT14J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 5962-9218301MC A SNJ54ACT14J SNJ54ACT14W ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 5962-9218301MD A SNJ54ACT14W (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. |
Número de pieza similar - SN74ACT14DBLE |
|
Descripción similar - SN74ACT14DBLE |