Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74ALS137ANE4 Datasheet(PDF) 7 Page - Texas Instruments |
|
SN74ALS137ANE4 Datasheet(HTML) 7 Page - Texas Instruments |
7 / 15 page PACKAGE OPTION ADDENDUM www.ti.com 25-Sep-2013 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples 5962-9066501M2A ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 5962- 9066501M2A SNJ54 ALS137AFK 5962-9066501MEA ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 5962-9066501ME A SNJ54ALS137AJ 5962-9066501MFA ACTIVE CFP W 16 1 TBD A42 N / A for Pkg Type -55 to 125 5962-9066501MF A SNJ54ALS137AW SN74ALS137AD ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 ALS137A SN74ALS137ADE4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 ALS137A SN74ALS137ADG4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 ALS137A SN74ALS137AN ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74ALS137AN SN74ALS137ANE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74ALS137AN SN74AS137D OBSOLETE SOIC D 16 TBD Call TI Call TI 0 to 70 SN74AS137DR OBSOLETE SOIC D 16 TBD Call TI Call TI 0 to 70 SN74AS137N OBSOLETE PDIP N 16 TBD Call TI Call TI 0 to 70 SNJ54ALS137AFK ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 5962- 9066501M2A SNJ54 ALS137AFK SNJ54ALS137AJ ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 5962-9066501ME A SNJ54ALS137AJ SNJ54ALS137AW ACTIVE CFP W 16 1 TBD A42 N / A for Pkg Type -55 to 125 5962-9066501MF A SNJ54ALS137AW (1) The marketing status values are defined as follows: |
Número de pieza similar - SN74ALS137ANE4 |
|
Descripción similar - SN74ALS137ANE4 |