Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC62D776CFG Datasheet(PDF) 6 Page - Toshiba Semiconductor |
|
TC62D776CFG Datasheet(HTML) 6 Page - Toshiba Semiconductor |
6 / 33 page TC62D776CFG 2011-12-07 6 The explanation of the function (Basic data input pattern) Data is serially loaded into the TC62D776CFG using the SIN and SCK inputs. Command selection is done via the SCK and TRANS inputs. About the operation of each command Symbol Num of SCK at TRANS=”H” (Note2) Operation S0 0,1 Input of output ON/OFF data. S1 5,6 Executes output open/short detection manually. (Note1) Transfers the result of open/short detection to the 16-bit Shift Register. (Note1) S2 7,8 Input of state setting data (1). S3 9,10 Input of state setting data (2). Note 1: When output open/short detection is enabled. Note 2: SCK pulse trains other than those shown above are not recognized as commands. •S0 command (Input of output ON/OFF data.) SCK TRANS SIN OUTPUT ON/OFF DATA 1 •S1 command (Output open/short detection function manual operation is executed.) •S2 command (Input of state setting data (1).) •S3 command (Input of state setting data (2).) The number of SCK pulses at TRANS="H" is 0 or 1. The number of SCK pulses at TRANS="H" is 5 or 6 The number of SCK pulses at TRANS="H" is 7 or 8 The number of SCK pulses at TRANS="H" is 9 or 10 |
Número de pieza similar - TC62D776CFG |
|
Descripción similar - TC62D776CFG |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |