Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74CBT16210DGGRE4 Datasheet(PDF) 3 Page - Texas Instruments |
|
|
74CBT16210DGGRE4 Datasheet(HTML) 3 Page - Texas Instruments |
3 / 13 page SN74CBT16210 20-BIT FET BUS SWITCH SCDS033E – APRIL 1997 – REVISED OCTOBER 2000 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT VIK VCC = 4.5 V, II = –18 mA –1.2 V II VCC = 0 V, VI = 5.5 V 10 µA II VCC = 5.5 V, VI = 5.5 V or GND ±1 µA ICC VCC = 5.5 V, IO = 0, VI = VCC or GND 3 µA ∆ICC‡ Control inputs VCC = 5.5 V, One input at 3.4 V, Other inputs at VCC or GND 2.5 mA Ci Control inputs VI = 3 V or 0 4.5 pF Cio(OFF) VO = 3 V or 0, OE = VCC 5.5 pF § VCC = 4 V, TYP at VCC = 4 V VI = 2.4 V, II = 15 mA 14 20 ron§ VI =0 II = 64 mA 5 7 Ω on VCC = 4.5 V VI = 0 II = 30 mA 5 7 VI = 2.4 V, II = 15 mA 8 12 † All typical values are at VCC = 5 V (unless otherwise noted), TA = 25°C. ‡ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND. § Measured by the voltage drop between the A and B terminals at the indicated current through the switch. On-state resistance is determined by the lowest voltage of the two (A or B) terminals. switching characteristics over recommended operating free-air temperature range, CL = 50 pF (unless otherwise noted) (see Figure 1) PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 4 V VCC = 5 V ± 0.5 V UNIT (INPUT) (OUTPUT) MIN MAX MIN MAX tpd¶ A or B B or A 0.35 0.25 ns ten OE A or B 9.3 3.3 8.6 ns tdis OE A or B 7.1 2.8 7.9 ns ¶ The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load capacitance, when driven by an ideal voltage source (zero output impedance). |
Número de pieza similar - 74CBT16210DGGRE4 |
|
Descripción similar - 74CBT16210DGGRE4 |