Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPSW1070040100 Datasheet(PDF) 3 Page - AVX Corporation |
|
TPSW1070040100 Datasheet(HTML) 3 Page - AVX Corporation |
3 / 11 page TPS Series Low ESR RATINGS & PART NUMBER REFERENCE Rated DCL DF ESR 100kHz RMS Current (A) 100kHz RMS Voltage (V) AVX Case Capacitance Voltage (μA) % Max. (mΩ) MSL Part No. Size (μF) (V) Max. Max. @100kHz 25ºC 85ºC 125ºC 25ºC 85ºC 125ºC 2.5 Volt @ 85ºC (1.7 Volt @ 125ºC) TPSB107*002#0200 B 100 2.5 5 6 200 1 0.652 0.587 0.261 0.130 0.117 0.052 TPSB157*002#0150 B 150 2.5 3 10 150 1 0.753 0.677 0.301 0.113 0.102 0.045 TPSB227*002#0150 B 220 2.5 4.4 16 150 1 0.753 0.677 0.301 0.113 0.102 0.045 TPSB227*002#0200 B 220 2.5 4.4 16 200 1 0.652 0.587 0.261 0.130 0.117 0.052 TPSB227*002#0600 B 220 2.5 4.4 16 600 1 0.376 0.339 0.151 0.226 0.203 0.090 TPSD227*002#0045 D 220 2.5 4.4 8 45 1 1.826 1.643 0.730 0.082 0.074 0.033 TPSY337*002#0040 Y 330 2.5 8.2 8 40 1 1) 1.768 1.591 0.707 0.071 0.064 0.028 TPSD477*002#0035 D 470 2.5 11.6 8 35 1 2.070 1.863 0.828 0.072 0.065 0.029 TPSF477*002#0200 F 470 2.5 11.8 12 200 1 0.707 0.636 0.283 0.141 0.127 0.057 TPSY477*002#0100 Y 470 2.5 11 12 100 1 1) 1.118 1.006 0.447 0.112 0.101 0.045 TPSD687*002#0035 D 680 2.5 17 16 35 1 2.070 1.863 0.828 0.072 0.065 0.029 TPSD687*002#0050 D 680 2.5 17 16 50 1 1.732 1.559 0.693 0.087 0.078 0.035 TPSE687*002#0035 E 680 2.5 17 10 35 1 1) 2.171 1.954 0.868 0.076 0.068 0.030 TPSE687*002#0050 E 680 2.5 17 10 50 1 1) 1.817 1.635 0.727 0.091 0.082 0.036 TPSY687*002#0100 Y 680 2.5 17 12 100 1 1) 1.118 1.006 0.447 0.112 0.101 0.045 TPSE108*002#0030 E 1000 2.5 20 14 30 1 1) 2.345 2.111 0.938 0.070 0.063 0.028 TPSE108*002#0040 E 1000 2.5 20 14 40 1 1) 2.031 1.828 0.812 0.081 0.073 0.032 TPSY108M002#0100 Y 1000 2.5 25 30 100 1 1) 1.118 1.006 0.447 0.112 0.101 0.045 TPSD158*002#0100 D 1500 2.5 37.5 60 100 1 1.125 1.102 0.490 0.122 0.110 0.049 TPSE158*002#0050 E 1500 2.5 37.5 20 50 1 1) 1.817 1.635 0.727 0.001 0.082 0.036 TPSV158M002#0030 V 1500 2.5 30 20 30 1 1) 2.887 2.598 1.155 0.087 0.078 0.035 TPSV158M002#0040 V 1500 2.5 30 20 40 1 1) 2.500 2.250 1.000 0.100 0.090 0.040 4 Volt @ 85ºC (2.7 Volt @ 125ºC) TPSR106*004#3000 R 10 4 0.5 6 3000 1 0.135 0.122 0.054 0.406 0.366 0.162 TPSA476*004#0500 A 47 4 1.9 8 500 1 0.387 0.349 0.155 0.194 0.174 0.077 TPSB107*004#0200 B 100 4 4 8 200 1 0.652 0.587 0.261 0.130 0.117 0.052 TPSB107*004#0250 B 100 4 4 8 250 1 0.583 0.525 0.233 0.146 0.131 0.058 TPSB107*004#0350 B 100 4 4 8 350 1 0.493 0.444 0.197 0.172 0.155 0.069 TPSB107*004#0500 B 100 4 4 8 500 1 0.412 0.371 0.165 0.206 0.186 0.082 TPSW107*004#0100 W 100 4 4 6 100 1 0.949 0.854 0.379 0.095 0.085 0.038 TPSB157*004#0250 B 150 4 6 10 250 1 0.583 0.525 0.233 0.146 0.131 0.058 TPSC157*004#0070 C 150 4 6 6 70 1 1.254 1.128 0.501 0.088 0.079 0.035 TPSC157*004#0080 C 150 4 6 6 80 1 1.173 1.055 0.469 0.094 0.084 0.038 TPSD227*004#0040 D 220 4 8.8 8 40 1 1.936 1.743 0.775 0.077 0.070 0.031 TPSD227*004#0050 D 220 4 8.8 8 50 1 1.732 1.559 0.693 0.087 0.078 0.035 TPSD227*004#0100 D 220 4 8.8 8 100 1 1.225 1.102 0.490 0.122 0.110 0.049 TPSY227*004#0040 Y 220 4 8.8 8 40 1 1) 1.768 1.591 0.707 0.071 0.064 0.028 TPSY227*004#0050 Y 220 4 8.8 8 50 1 1) 1.581 1.423 0.632 0.095 0.085 0.038 TPSY227*004#0075 Y 220 4 8.8 8 75 1 1) 1.291 1.162 0.516 0.097 0.087 0.039 TPSC337*004#0100 C 330 4 13.2 8 100 1 1.049 0.944 0.420 0.105 0.094 0.042 TPSD337*004#0035 D 330 4 13.2 8 35 1 2.070 1.863 0.828 0.072 0.065 0.029 TPSD337*004#0045 D 330 4 13.2 8 45 1 1.826 1.643 0.730 0.082 0.074 0.033 TPSD337*004#0100 D 330 4 13.2 8 100 1 1.225 1.102 0.490 0.122 0.110 0.049 TPSF337*004#0200 F 330 4 13.2 10 200 1 0.707 0.636 0.283 0.141 0.127 0.057 TPSX337*004#0100 X 330 4 13.2 8 100 1 1) 1.000 0.900 0.400 0.100 0.090 0.040 TPSD477*004#0045 D 470 4 18.8 12 45 1 1.826 1.643 0.730 0.082 0.074 0.033 TPSD477*004#0100 D 470 4 18.8 12 100 1 1.225 1.102 0.490 0.122 0.110 0.049 TPSE477*004#0035 E 470 4 18.8 12 35 1 1) 2.171 1.954 0.868 0.076 0.068 0.030 TPSE477*004#0045 E 470 4 18.8 12 45 1 1) 1.915 1.723 0.766 0.086 0.078 0.034 TPSE477*004#0100 E 470 4 18.8 12 100 1 1) 1.285 1.156 0.514 0.128 0.116 0.051 TPSD687*004#0045 D 680 4 27.2 14 45 1 1.915 1.643 0.730 0.082 0.074 0.033 TPSD687*004#0060 D 680 4 27.2 14 60 1 1.581 1.423 0.632 0.095 0.085 0.038 TPSD687*004#0100 D 680 4 27.2 14 100 1 1.225 1.102 0.490 0.122 0.110 0.049 TPSE687*004#0040 E 680 4 27.2 10 40 1 1) 2.031 1.828 0.812 0.081 0.073 0.032 TPSE687*004#0060 E 680 4 27.2 10 60 1 1) 1.658 1.492 0.663 0.099 0.090 0.040 TPSE687*004#0100 E 680 4 27.2 10 100 1 1) 1.285 1.156 0.514 0.128 0.116 0.051 TPSE108*004#0040 E 1000 4 40 14 40 1 1) 2.031 1.828 0.812 0.081 0.073 0.032 TPSE108*004#0060 E 1000 4 40 14 60 1 1) 1.658 1.492 0.663 0.099 0.090 0.040 TPSV108*004#0025 V 1000 4 40 16 25 1 1) 3.162 2.846 1.265 0.079 0.071 0.032 TPSV108*004#0035 V 1000 4 40 16 35 1 1) 2.673 2.405 1.069 0.094 0.084 0.037 TPSV108*004#0040 V 1000 4 40 16 40 1 1) 2.500 2.250 1.000 0.100 0.090 0.040 TPSV108*004#0050 V 1000 4 40 16 50 1 1) 2.236 2.012 0.894 0.112 0.101 0.045 TPSE158*004#0050 E 1500 4 60 30 50 1 1) 1.817 1.635 0.727 0.091 0.082 0.036 TPSE158*004#0075 E 1500 4 60 30 75 1 1) 1.483 1.335 0.593 0.111 0.100 0.044 TPSV158M004#0050 V 1500 4 60 30 50 1 1) 2.236 2.012 0.894 0.112 0.101 0.045 TPSV158M004#0075 V 1500 4 60 30 75 1 1) 1.826 1.643 0.730 0.137 0.123 0.055 11) Dry pack option (see How to order) recommended for reduction of stress during soldering. Dry pack parts should be treated as MSL 3. Moisture Sensitivity Level (MSL) is defined according to J-STD-020. All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes. The EIA & CECC standards for low ESR Solid Tantalum Capacitors allow an ESR movement to 1.25 times catalogue limit post mounting. For typical weight and composition see page 124. NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards. 32 |
Número de pieza similar - TPSW1070040100 |
|
Descripción similar - TPSW1070040100 |