Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMT128502A Datasheet(PDF) 6 Page - ANADIGICS, Inc

No. de pieza AMT128502A
Descripción Electrónicos  1.25Gb/s Integrated 850nm MSM-TIA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANADIGICS [ANADIGICS, Inc]
Página de inicio  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AMT128502A Datasheet(HTML) 6 Page - ANADIGICS, Inc

  AMT128502A Datasheet HTML 1Page - ANADIGICS, Inc AMT128502A Datasheet HTML 2Page - ANADIGICS, Inc AMT128502A Datasheet HTML 3Page - ANADIGICS, Inc AMT128502A Datasheet HTML 4Page - ANADIGICS, Inc AMT128502A Datasheet HTML 5Page - ANADIGICS, Inc AMT128502A Datasheet HTML 6Page - ANADIGICS, Inc AMT128502A Datasheet HTML 7Page - ANADIGICS, Inc AMT128502A Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
AMT128502A
Data Sheet - Revision 0
03/01
Figure 13: Evaluation Board Schematic
4K
Charge
Pump
AGC
OUT
OUT
VDD
4
2
1
3
0.1uF
0.1uF
0.1uF
V
OUT
V
OUT
6.5 GHz
OSC
Figure 14: Evaluation Board Layout


Número de pieza similar - AMT128502A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ANADIGICS, Inc
AMT128503 ANADIGICS-AMT128503 Datasheet
634Kb / 12P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT128503T46F ANADIGICS-AMT128503T46F Datasheet
634Kb / 12P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT128503T46L ANADIGICS-AMT128503T46L Datasheet
634Kb / 12P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT128503T56F ANADIGICS-AMT128503T56F Datasheet
634Kb / 12P
   1.25Gb/s Integrated 850nm MSM-TIA
More results

Descripción similar - AMT128502A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ANADIGICS, Inc
AMT128503 ANADIGICS-AMT128503 Datasheet
634Kb / 12P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT8100 ANADIGICS-AMT8100 Datasheet
457Kb / 8P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT8301 ANADIGICS-AMT8301 Datasheet
564Kb / 12P
   2.125Gb/s Integrated 850nm MSM-TIA
AMT8302 ANADIGICS-AMT8302 Datasheet
260Kb / 8P
   2.125Gb/s Integrated 850nm MSM-TIA
AMT8304 ANADIGICS-AMT8304 Datasheet
472Kb / 12P
   2.125 Gb/s Integrated 850nm MSM-TIA
AMT8504 ANADIGICS-AMT8504 Datasheet
337Kb / 12P
   1.25 Gb/s Integrated 850nm MSM-TIA
AMT121302 ANADIGICS-AMT121302 Datasheet
594Kb / 12P
   1.25Gb/s 1310/1550nm PIN-TIA
logo
Pulse A Technitrol Comp...
SFPT-SX5-01 PULSE-SFPT-SX5-01 Datasheet
205Kb / 10P
   1.25Gb/s 850nm Multi-mode SFP Transceiver
logo
ANADIGICS, Inc
ATA121302 ANADIGICS-ATA121302 Datasheet
203Kb / 8P
   1.25Gb/s Transimpedance Amplifier
logo
Unity Opto Technology
MCD-8T4C-511 UOT-MCD-8T4C-511 Datasheet
88Kb / 2P
   2.5 Gbps PIN-TIA (850nm) 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com