Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SD1816 Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza 2SD1816
Descripción Electrónicos  Bipolar Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1816 Datasheet(HTML) 2 Page - ON Semiconductor

  2SD1816 Datasheet HTML 1Page - ON Semiconductor 2SD1816 Datasheet HTML 2Page - ON Semiconductor 2SD1816 Datasheet HTML 3Page - ON Semiconductor 2SD1816 Datasheet HTML 4Page - ON Semiconductor 2SD1816 Datasheet HTML 5Page - ON Semiconductor 2SD1816 Datasheet HTML 6Page - ON Semiconductor 2SD1816 Datasheet HTML 7Page - ON Semiconductor 2SD1816 Datasheet HTML 8Page - ON Semiconductor 2SD1816 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2SB1216 / 2SD1816
No.2540-2/9
IC=10IB1= --10IB2=2A
For PNP, the polarity is reversed.
VR
RB
VCC=50V
VBE= --5V
+
+
50
INPUT
OUTPUT
100 F
470 F
PW=20 s
IB1
D.C. 1%
IB2
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
Collector Dissipation
PC
1W
Tc=25°C20
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=(--)100V, IE=0A
(--)1
μA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0A
(--)1
μA
DC Current Gain
hFE1VCE=(--)5V, IC=(--)0.5A
70*
400*
hFE2VCE=(--)5V, IC=(--)3A
40
Gain-Bandwidth Product
fT
VCE=(--)10V, IC=(--)0.5A
(130)180
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(65)40
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=(--)2A, IB=(--)0.2A
(--200)150
(--500)400
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
VCE=(--)2A, IC=(--)0.2A
(--)0.9
(--)1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)10μA, IE=0A
(--)120
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)1mA, RBE=∞
(--)100
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)10μA, IC=0A
(--)6
V
Turn-On Time
ton
See specified Test Circuit.
100
ns
Storage Time
tstg
(800)900
ns
Fall Time
tf
50
ns
* : The 2SB1216/2SD1816 are classified by 0.5A hFE as follows :
Rank
Q
R
S
T
hFE
70 to 140
100 to 200
140 to 280
200 to 400
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
2SB1216S-E
TP
500pcs./bag
Pb Free
2SB1216S-H
TP
500pcs./bag
Pb Free and Halogen Free
2SB1216T-E
TP
500pcs./bag
Pb Free
2SB1216T-H
TP
500pcs./bag
Pb Free and Halogen Free
2SD1816S-E
TP
500pcs./bag
Pb Free
2SD1816S-H
TP
500pcs./bag
Pb Free and Halogen Free
2SD1816T-E
TP
500pcs./bag
Pb Free
2SD1816T-H
TP
500pcs./bag
Pb Free and Halogen Free
2SB1216S-TL-E
TP-FA
700pcs./reel
Pb Free
2SB1216S-TL-H
TP-FA
700pcs./reel
Pb Free and Halogen Free
2SB1216T-TL-E
TP-FA
700pcs./reel
Pb Free
2SB1216T-TL-H
TP-FA
700pcs./reel
Pb Free and Halogen Free
2SD1816S-TL-E
TP-FA
700pcs./reel
Pb Free
2SD1816S-TL-H
TP-FA
700pcs./reel
Pb Free and Halogen Free
2SD1816T-TL-E
TP-FA
700pcs./reel
Pb Free
2SD1816T-TL-H
TP-FA
700pcs./reel
Pb Free and Halogen Free
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Número de pieza similar - 2SD1816

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
2SD1816 SANYO-2SD1816 Datasheet
126Kb / 4P
   High-Current Switching Applications
logo
Unisonic Technologies
2SD1816 UTC-2SD1816 Datasheet
219Kb / 4P
   HIGH CURRENT SWITCHIG APPLICATIONS
logo
Sanyo Semicon Device
2SD1816 SANYO-2SD1816 Datasheet
154Kb / 5P
   High-Current Switching Applications
logo
Unisonic Technologies
2SD1816 UTC-2SD1816 Datasheet
243Kb / 5P
   HIGH CURRENT SWITCHIG APPLICATION
logo
ON Semiconductor
2SD1816 ONSEMI-2SD1816 Datasheet
366Kb / 9P
   Bipolar Transistor (-)100V, (-)4A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
More results

Descripción similar - 2SD1816

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com