Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SDR7030-151K Datasheet(PDF) 1 Page - Bourns Electronic Solutions |
|
SDR7030-151K Datasheet(HTML) 1 Page - Bourns Electronic Solutions |
1 / 2 page SDR7030 Series - SMD Power Inductors *RoHS Directive 2002/95/EC Jan 27, 2003 including Annex. Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. Inductance 100 kHz Q Test SRF RDC I rms I sat Bourns Part No. (µH) Tol. % Typ. Frequency Min. Max. Max. Typ. (MHz) (MHz) (Ω) (A) (A) SDR7030-1R0M 1.0 ± 20 18 7.96 113 0.022 3.00 4.30 SDR7030-1R5M 1.5 ± 20 17 7.96 100 0.027 2.75 3.60 SDR7030-2R2M 2.2 ± 20 17 7.96 80 0.030 2.60 3.20 SDR7030-3R5M 3.5 ± 20 17 7.96 59 0.038 2.20 2.60 SDR7030-4R7M 4.7 ± 20 14 7.96 43 0.048 1.85 2.25 SDR7030-6R2M 6.2 ± 20 17 7.96 41 0.058 1.65 2.00 SDR7030-100M 10.0 ± 20 16 2.52 35 0.075 1.50 1.60 SDR7030-150M 15.0 ± 20 14 2.52 33 0.115 1.20 1.30 SDR7030-220M 22.0 ± 20 14 2.52 32 0.160 1.02 1.10 SDR7030-330M 33.0 ± 20 13 2.52 24 0.230 0.85 0.90 SDR7030-470K 47.0 ± 10 12 2.52 18 0.340 0.70 0.78 SDR7030-680K 68.0 ± 10 12 2.52 16 0.480 0.58 0.64 SDR7030-101K 100.0 ± 10 18 0.796 15 0.720 0.46 0.52 SDR7030-151K 150.0 ± 10 18 0.796 12 0.920 0.40 0.42 SDR7030-221K 220.0 ± 10 23 0.796 9 1.600 0.32 0.34 SDR7030-331K 330.0 ± 10 24 0.796 7 2.200 0.26 0.28 SDR7030-471K 470.0 ± 10 30 0.796 6 2.800 0.22 0.23 SDR7030-681K 680.0 ± 10 28 0.796 5 4.350 0.18 0.18 SDR7030-102K 1000.0 ± 10 66 0.252 4 6.200 0.15 0.15 Features ■ Available in E6 values ■ Range from 1.0 µH to 1000 µH ■ RoHS compliant* Applications ■ Input/output of DC/DC converters ■ Power supplies for: • Portable communication equipment • Camcorders • LCD TVs • Car radios Electrical Specifications Product Dimensions Recommended Layout 330 7.0 ± 0.3 (.276 ± .012) 7.0 ± 0.3 (.276 ± .012) 2.0 (.079) TYP. 3.0 ± 0.3 (.118 ± .012) 1.5 (.059) TYP. 4.0 (.157) TYP. General Specifications Test Voltage.....................................0.1 V Reflow Soldering ...230 °C, 50 sec. max. Operating Temperature ..-40 °C to +125 °C (Temperature rise included) Storage Temperature..-40 °C to +125 °C Resistance to Soldering Heat ................................260 °C for 10 sec. Materials Core .......................................Ferrite DR Wire .............Enameled copper wire 130 Terminal .........................................Cu/Sn Rated Current ...................Ind. drop 10 % typ. at Isat Temperature Rise ..................30 °C max. at rated Irms Packaging ..................1500 pcs. per reel Electrical Schematic DIMENSIONS: MM (INCHES) 2.4 (.094) REF. 7.8 (.307) 1.8 (.071) REF. 1.8 (.071) REF. 4.2 (.165) REF. REF. 100 |
Número de pieza similar - SDR7030-151K |
|
Descripción similar - SDR7030-151K |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |