Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMF58AG Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza SMF58AG
Descripción Electrónicos  200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMF58AG Datasheet(HTML) 2 Page - ON Semiconductor

  SMF58AG Datasheet HTML 1Page - ON Semiconductor SMF58AG Datasheet HTML 2Page - ON Semiconductor SMF58AG Datasheet HTML 3Page - ON Semiconductor SMF58AG Datasheet HTML 4Page - ON Semiconductor SMF58AG Datasheet HTML 5Page - ON Semiconductor SMF58AG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Uni−Directional TVS
IPP
IF
V
I
IR
IT
VRWM
VC VBR
VF
SMF5.0AT1G Series, SZSMF5.0AT1G Series
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Maximum Ppk Dissipation (PW−10/1000 ms) (Note 1) SMF5.0A − SMF58A
Ppk
200
W
Maximum Ppk Dissipation @ TA = 25°C, (PW−8/20 ms) (Note 2)
Ppk
1000
W
DC Power Dissipation
@ TA = 25°C (Note 3)
Derate above 25°C
Thermal Resistance, Junction−to−Ambient (Note 3)
°PD°
RqJA
385
4.0
325
°mW
mW/°C
°C/W
Thermal Resistance, Junction−to−Lead (Note 3)
RqJcathode
26
°C/W
Operating and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Non−repetitive current pulse at TA = 25°C, per waveform of Figure 2.
2. Non−repetitive current pulse at TA = 25°C, per waveform of Figure 3.
3. Mounted with recommended minimum pad size, DC board FR−4.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless
otherwise noted, VF = 3.5 V Max. @ IF (Note 4) = 12 A)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
IF
Forward Current
VF
Forward Voltage @ IF
4. 1/2 sine wave (or equivalent square wave), PW = 8.3 ms,
duty cycle = 4 pulses per minute maximum.


Número de pieza similar - SMF58AG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
SMF58AG ONSEMI-SMF58AG Datasheet
69Kb / 6P
   Zener Transient Voltage Suppressor SOD??23 Flat Lead Package
August, 2005 ??Rev. 1
SMF58AG ONSEMI-SMF58AG Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF58AG ONSEMI-SMF58AG Datasheet
120Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF58AG ONSEMI-SMF58AG Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF58AG ONSEMI-SMF58AG Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
More results

Descripción similar - SMF58AG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
SMF33AT1G ONSEMI-SMF33AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF36AT1G ONSEMI-SMF36AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF9.0AT1G ONSEMI-SMF9.0AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF30AT1G ONSEMI-SMF30AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF5.0AT1G ONSEMI-SMF5.0AT1G Datasheet
120Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF18AT1G ONSEMI-SMF18AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF15AT1G ONSEMI-SMF15AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF5.0AT1G ONSEMI-SMF5.0AT1G Datasheet
129Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF24AT1G ONSEMI-SMF24AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF10AT1G ONSEMI-SMF10AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com