Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TAJC106M006HNJ Datasheet(PDF) 1 Page - AVX Corporation |
|
TAJC106M006HNJ Datasheet(HTML) 1 Page - AVX Corporation |
1 / 5 page HOW TO ORDER Technical Data: All technical data relate to an ambient temperature of +25°C Capacitance Range: 0.10 μF to 2200 μF Capacitance Tolerance: ±10%; ±20% Rated Voltage (VR) +85°C: 2.5 4 6.3 10 16 20 25 35 50 Category Voltage (VC) +125°C: 1.7 2.7 4 7 10 13 17 23 33 Surge Voltage (VS) +85°C: 3.3 5.2 8 13 20 26 32 46 65 Surge Voltage (VS) +125°C: 2.2 3.4 5 8 13 16 20 28 40 Temperature Range: -55°C to +125°C Reliability: 1% per 1000 hours at 85°C, VR with 0.1Ω/V series impedance, 60% confidence level Qualification: CECC 30801 - 005 issue 2 EIA 535BAAC Termination Finished: Sn Plating (standard), Gold and SnPb Plating upon request TAJ Series Standard Tantalum TECHNICAL SPECIFICATIONS CASE DIMENSIONS: millimeters (inches) Code EIA EIA L±0.20 W+0.20 (0.008) H+0.20 (0.008) W 1±0.20 A+0.30 (0.012) S Min. Code Metric (0.008) -0.10 (0.004) -0.10 (0.004) (0.008) -0.20 (0.008) A 1206 3216-18 3.20 (0.126) 1.60 (0.063) 1.60 (0.063) 1.20 (0.047) 0.80 (0.031) 1.10 (0.043) B 1210 3528-21 3.50 (0.138) 2.80 (0.110) 1.90 (0.075) 2.20 (0.087) 0.80 (0.031) 1.40 (0.055) C 2312 6032-28 6.00 (0.236) 3.20 (0.126) 2.60 (0.102) 2.20 (0.087) 1.30 (0.051) 2.90 (0.114) D 2917 7343-31 7.30 (0.287) 4.30 (0.169) 2.90 (0.114) 2.40 (0.094) 1.30 (0.051) 4.40 (0.173) E 2917 7343-43 7.30 (0.287) 4.30 (0.169) 4.10 (0.162) 2.40 (0.094) 1.30 (0.051) 4.40 (0.173) V 2924 7361-38 7.30 (0.287) 6.10 (0.240) 3.55 (0.140) 3.10 (0.120) 1.30 (0.051) 4.40 (0.173) W1 dimension applies to the termination width for A dimensional area only. For part marking see page 129 TAJ Type C Case Size See table above 106 Capacitance Code pF code: 1st two digits represent significant figures 3rd digit represents multiplier (number of zeros to follow) M Tolerance K=±10% M=±20% 035 Rated DC Voltage 002=2.5Vdc 004=4Vdc 006=6.3Vdc 010=10Vdc 016=16Vdc 020=20Vdc 025=25Vdc 035=35Vdc 050=50Vdc R Packaging R = Pure Tin 7" Reel S = Pure Tin 13" Reel A = Gold Plating 7" Reel B = Gold Plating 13" Reel H = Tin Lead 7" Reel (Contact Manufacturer) K = Tin Lead 13" Reel (Contact Manufacturer) H, K = Non RoHS NJ Specification Suffix NJ = Standard Suffix — Additional characters may be added for special requirements V = Dry pack Option (selected codes only) • General purpose SMT chip tantalum series • 6 case sizes available • Low profile options available • CV range: 0.10-2200μF / 2.5-50V 6 LEAD-FREE COMPATIBLE COMPONENT SnPb termination option is not RoHS compliant. |
Número de pieza similar - TAJC106M006HNJ |
|
Descripción similar - TAJC106M006HNJ |