Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC847BS Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza BC847BS
Descripción Electrónicos  45 V, 100 mA NPN/NPN general-purpose transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC847BS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BC847BS Datasheet HTML 2Page - NXP Semiconductors BC847BS Datasheet HTML 3Page - NXP Semiconductors BC847BS Datasheet HTML 4Page - NXP Semiconductors BC847BS Datasheet HTML 5Page - NXP Semiconductors BC847BS Datasheet HTML 6Page - NXP Semiconductors BC847BS Datasheet HTML 7Page - NXP Semiconductors BC847BS Datasheet HTML 8Page - NXP Semiconductors BC847BS Datasheet HTML 9Page - NXP Semiconductors BC847BS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
BC847BS_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 18 February 2009
6 of 12
NXP Semiconductors
BC847BS
45 V, 100 mA NPN/NPN general-purpose transistor
VCE =5V
(1) Tamb = 150 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
Tamb =25 °C
Fig 4.
Per transistor: DC current gain as a function of
collector current; typical values
Fig 5.
Per transistor: Collector current as a function
of collector-emitter voltage; typical values
VCE =5V
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 150 °C
IC/IB =20
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 150 °C
Fig 6.
Per transistor: Base-emitter voltage as a
function of collector current; typical values
Fig 7.
Per transistor: Base-emitter saturation voltage
as a function of collector current; typical
values
mgt727
10−1
110
102
103
IC (mA)
0
600
500
400
300
200
100
hFE
(1)
(2)
(3)
VCE (V)
05
4
23
1
006aab422
0.10
0.05
0.15
0.20
IC
(A)
0
IB (mA) = 4.0
0.8
0.4
3.6
3.2
1.6
2.4
2.8
2.0
1.2
0
1200
1000
800
600
400
200
mgt728
10−2
10−1
110
102
103
IC (mA)
VBE
(mV)
(1)
(2)
(3)
006aab423
0.6
0.8
0.4
1.0
1.2
VBEsat
(V)
0.2
IC (mA)
10−1
103
102
110
(1)
(2)
(3)


Número de pieza similar - BC847BS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BC847BS PHILIPS-BC847BS Datasheet
45Kb / 8P
   NPN general purpose double transistor
1999 Apr 28
logo
GUANGDONG HOTTECH INDUS...
BC847BS HOTTECH-BC847BS Datasheet
323Kb / 2P
   Plastic-Encapsulate Transistors
logo
Diodes Incorporated
BC847BS DIODES-BC847BS Datasheet
55Kb / 3P
   DUAL NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30222 Rev. 3 - 2
logo
SeCoS Halbleitertechnol...
BC847BS SECOS-BC847BS Datasheet
1Mb / 7P
   NPN Plastic Encapsulate Transistor
logo
NXP Semiconductors
BC847BS PHILIPS-BC847BS Datasheet
115Kb / 15P
   NPN/NPN matched double transistors
Rev. 05-27 June 2006
More results

Descripción similar - BC847BS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BC847BS NXP-BC847BS Datasheet
92Kb / 12P
   45 V, 100 mA NPN/NPN general-purpose transistor
Rev. 03-18 February 2009
BC847QAS NXP-BC847QAS Datasheet
204Kb / 13P
   45 V, 100 mA NPN/NPN general-purpose transistor
8 July 2015
logo
Nexperia B.V. All right...
BC847DS NEXPERIA-BC847DS Datasheet
1Mb / 12P
   45 V, 100 mA NPN/NPN general-purpose transistor
Rev. 01 - 25 August 2009
BC847BS-Q NEXPERIA-BC847BS-Q Datasheet
241Kb / 11P
   45 V, 100 mA NPN/NPN general-purpose transistor
17 June 2021
logo
NXP Semiconductors
BC847DS NXP-BC847DS Datasheet
109Kb / 12P
   45 V, 100 mA NPN/NPN general-purpose transistor
Rev. 01-25 August 2009
logo
Nexperia B.V. All right...
BC847BS NEXPERIA-BC847BS Datasheet
239Kb / 11P
   45 V, 100 mA NPN/NPN general-purpose transistor
1 July 2022
BC847XQB_SER NEXPERIA-BC847XQB_SER Datasheet
241Kb / 13P
   45 V, 100 mA NPN general-purpose transistor
Rev. 2 - 8 September 2021
BC847XQC-Q_SER NEXPERIA-BC847XQC-Q_SER Datasheet
260Kb / 13P
   45 V, 100 mA NPN general-purpose transistor
Rev. 2 - 21 May 2021
BC847XQC_SER NEXPERIA-BC847XQC_SER Datasheet
232Kb / 13P
   45 V, 100 mA NPN general-purpose transistor
Rev. 1 - 4 January 2021
BC847XQB-Q_SER NEXPERIA-BC847XQB-Q_SER Datasheet
241Kb / 13P
   45 V, 100 mA NPN general-purpose transistor
Rev. 3 - 8 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com