Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCP53 Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza BCP53
Descripción Electrónicos  80 V, 1 A PNP medium power transistors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCP53 Datasheet(HTML) 4 Page - NXP Semiconductors

  BCP53 Datasheet HTML 1Page - NXP Semiconductors BCP53 Datasheet HTML 2Page - NXP Semiconductors BCP53 Datasheet HTML 3Page - NXP Semiconductors BCP53 Datasheet HTML 4Page - NXP Semiconductors BCP53 Datasheet HTML 5Page - NXP Semiconductors BCP53 Datasheet HTML 6Page - NXP Semiconductors BCP53 Datasheet HTML 7Page - NXP Semiconductors BCP53 Datasheet HTML 8Page - NXP Semiconductors BCP53 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
BCP53_BCX53_BC53PA
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 9 — 19 October 2011
4 of 22
NXP Semiconductors
BCP53; BCX53; BC53PA
80 V, 1 A PNP medium power transistors
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 1 cm2.
[3]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 6 cm2.
[4]
Device mounted on an FR4 PCB, 4-layer copper, tin-plated and standard footprint.
[5]
Device mounted on an FR4 PCB, 4-layer copper, tin-plated, mounting pad for collector 1 cm2.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
100
V
VCEO
collector-emitter voltage
open base
-
80
V
VEBO
emitter-base voltage
open collector
-
5V
IC
collector current
-
1A
ICM
peak collector current
single pulse;
tp  1ms
-
2A
IB
base current
-
0.3
A
IBM
peak base current
single pulse;
tp  1ms
-
0.3
A
Ptot
total power dissipation
Tamb  25 C
BCP53
[1] -0.65
W
[2] -1.00
W
[3] -1.35
W
BCX53
[1] -0.50
W
[2] -0.95
W
[3] -1.35
W
BC53PA
[1] -0.42
W
[2] -0.83
W
[3] -1.10
W
[4] -0.81
W
[5] -1.65
W
Tj
junction temperature
-
150
C
Tamb
ambient temperature
55
+150
C
Tstg
storage temperature
65
+150
C


Número de pieza similar - BCP53

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BCP53 PHILIPS-BCP53 Datasheet
44Kb / 8P
   PNP medium power transistors
1999 Apr 08
logo
SeCoS Halbleitertechnol...
BCP53 SECOS-BCP53 Datasheet
303Kb / 2P
   PNP Silicon Medium Power Transistor
logo
ON Semiconductor
BCP53 ONSEMI-BCP53 Datasheet
76Kb / 5P
   PNP Silicon Epitaxial Transistors
December, 2015 ??Rev. 12
logo
STMicroelectronics
BCP53 STMICROELECTRONICS-BCP53 Datasheet
71Kb / 4P
   MEDIUM POWER AMPLIFIER
October 1997
logo
Diodes Incorporated
BCP53 DIODES-BCP53 Datasheet
116Kb / 7P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
More results

Descripción similar - BCP53

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
BCP53H_SER NEXPERIA-BCP53H_SER Datasheet
1Mb / 16P
   80 V, 1 A PNP medium power transistors
Rev. 1 - 21 July 2017
BCP53T NEXPERIA-BCP53T Datasheet
274Kb / 14P
   80 V, 1 A PNP medium power transistors
BCP53H-Q_SER NEXPERIA-BCP53H-Q_SER Datasheet
275Kb / 14P
   80 V, 1 A PNP medium power transistors
Rev. 2 - 29 March 2023
logo
NXP Semiconductors
BCP53 NXP-BCP53_13 Datasheet
1Mb / 22P
   80 V, 1 A PNP medium power transistors
Rev. 9-19 October 2011
logo
Nexperia B.V. All right...
BCP53H NEXPERIA-BCP53H Datasheet
1Mb / 16P
   80 V, 1 A PNP medium power transistors
BCP53T_SER NEXPERIA-BCP53T_SER Datasheet
274Kb / 14P
   80 V, 1 A PNP medium power transistors
Rev. 2 - 29 April 2019
BCP53 NEXPERIA-BCP53 Datasheet
1Mb / 22P
   80 V, 1 A PNP medium power transistors
Rev. 9 - 19 October 2011
logo
NXP Semiconductors
BCP53 PHILIPS-BCP53_15 Datasheet
1Mb / 22P
   80 V, 1 A PNP medium power transistors
Rev. 9-19 October 2011
BCP53-16 NXP-BCP53-16 Datasheet
1Mb / 22P
   80 V, 1 A PNP medium power transistors
Rev. 9-19 October 2011
BC640 NXP-BC640 Datasheet
143Kb / 15P
   80 V, 1 A PNP medium power transistors
Rev. 08-22 February 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com