Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST16C654CQ100 Datasheet(PDF) 1 Page - Exar Corporation

No. de pieza ST16C654CQ100
Descripción Electrónicos  2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EXAR [Exar Corporation]
Página de inicio  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C654CQ100 Datasheet(HTML) 1 Page - Exar Corporation

  ST16C654CQ100 Datasheet HTML 1Page - Exar Corporation ST16C654CQ100 Datasheet HTML 2Page - Exar Corporation ST16C654CQ100 Datasheet HTML 3Page - Exar Corporation ST16C654CQ100 Datasheet HTML 4Page - Exar Corporation ST16C654CQ100 Datasheet HTML 5Page - Exar Corporation ST16C654CQ100 Datasheet HTML 6Page - Exar Corporation ST16C654CQ100 Datasheet HTML 7Page - Exar Corporation ST16C654CQ100 Datasheet HTML 8Page - Exar Corporation ST16C654CQ100 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
xr
ST16C654/654D
2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
AUGUST 2005
REV. 5.0.2
GENERAL DESCRIPTION
The ST16C654/654D1 (654) is an enhanced quad
Universal Asynchronous Receiver and Transmitter
(UART) each with 64 bytes of transmit and receive
FIFOs, transmit and receive FIFO trigger levels,
automatic hardware and software flow control, and
data rates of up to 1.5 Mbps. Each UART has a set
of registers that provide the user with operating status
and control, receiver error indications, and modem
serial interface controls. Selectable interrupt polarity
provides flexibility to meet design requirements. An
internal
loopback
capability
allows
onboard
diagnostics. The 654 is available in 64 pin LQFP, 68
pin PLCC and 100 pin QFP packages. The 64 pin
package only offers the 16 mode interface, but the 68
and 100 pin packages offer an additional 68 mode
interface which allows easy integration with Motorola
processors.
The ST16C654CQ64 (64 pin) offers
three
state
interrupt
output
while
the
ST16C654DCQ64 provides continuous interrupt
output.
The 100 pin package provides additional
FIFO status outputs (TXRDY# and RXRDY# A-D),
separate infrared transmit data outputs (IRTX A-D)
and channel C external clock input (CHCCLK). The
ST16C654/654D is compatible with the industry
standard ST16C454 and ST16C654/554D.
NOTE: 1 Covered by U.S. Patent #5,649,122.
FEATURES
Pin-to-pin compatible with ST16C454, ST16C554
and TI’s TL16C554AFN and TL16C754BFN
Intel or Motorola Data Bus Interface select
Four independent UART channels
Register Set Compatible to 16C550
Data rates of up to 1.5 Mbps
64 Byte Transmit FIFO
64 Byte Receive FIFO with error tags
4 Selectable TX and RX FIFO Trigger Levels
Automatic Hardware (RTS/CTS) Flow Control
Automatic Software (Xon/Xoff) Flow Control
Progammable Xon/Xoff characters
Wireless Infrared (IrDA 1.0) Encoder/Decoder
Full modem interface
2.97V to 5.5V supply operation
Sleep Mode (200 uA typical)
Crystal oscillator or external clock input
APPLICATIONS
Portable Appliances
Telecommunication Network Routers
Ethernet Network Routers
Cellular Data Devices
Factory Automation and Process Controls
FIGURE 1. ST16C654 BLOCK DIAGRAM
XTAL1
XTAL2
Crystal Osc/Buffer
Data Bus
Interface
UART Channel A
64 Byte TX FIFO
64 Byte RX FIFO
BRG
IR
ENDEC
TX & RX
UART
Regs
2.97V to 5.5V VCC
GND
654 BLK
TXB, RXB, IRTXB, DTRB#,
DSRB#, RTSB#, CTSB#,
CDB#, RIB#
UART Channel B
(same as Channel A)
A2:A0
D7:D0
CSA#
16/68#
CSB#
INTA
INTB
IOW#
IOR#
Reset
INTSEL
CHCCLK
TXRDY# A-D
RXRDY# A-D
UART Channel C
(same as Channel A)
TXA, RXA, IRTXA, DTRA#,
DSRA#, RTSA#, CTSA#,
CDA#, RIA#
TXC, RXC, IRTXC, DTRC#,
DSRC#, RTSC#, CTSC#,
CDC#, RIC#
UART Channel D
(same as Channel A)
TXD, RXD, IRTXD, DTRD#,
DSRD#, RTSD#, CTSD#,
CDD#, RID#
CSC#
CSD#
INTC
INTD
CLKSEL


Número de pieza similar - ST16C654CQ100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Exar Corporation
ST16C654CQ100 EXAR-ST16C654CQ100 Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
ST16C654CQ100 EXAR-ST16C654CQ100 Datasheet
444Kb / 49P
   QUAD UART WITH 64-BYTE FIFO AND INFRARED (IrDA) ENCODER/DECODER
More results

Descripción similar - ST16C654CQ100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Exar Corporation
ST16C654 EXAR-ST16C654 Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
XRT16C854 EXAR-XRT16C854 Datasheet
1Mb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554 EXAR-ST16C554 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
XR16C864IQ-F EXAR-XR16C864IQ-F Datasheet
440Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C854D EXAR-XR16C854D Datasheet
689Kb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com