Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
IRFB4610 Datasheet(PDF) 8 Page - International Rectifier |
|
IRFB4610 Datasheet(HTML) 8 Page - International Rectifier |
8 / 11 page IRF/B/S/SL4610 8 www.irf.com TO-220AB packages are not recommended for Surface Mount Application. TO-220AB Part Marking Information TO-220AB Package Outline Dimensions are shown in millimeters (inches) LOT CODE 1789 EXAMPLE: T HIS IS AN IRF1010 Note: "P" in assembly line position indicates "Lead - Free" IN T HE AS S EMBLY LINE "C" AS S EMBLED ON WW 19, 2000 INT ERNAT IONAL PART NUMBER RECT IFIER LOT CODE ASSEMBLY LOGO YEAR 0 = 2000 DAT E CODE WEEK 19 LINE C Note: For the most current drawing please refer to IR website at: http://www.irf.com/package/ |
Número de pieza similar - IRFB4610 |
|
Descripción similar - IRFB4610 |