Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTA204X-600D Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza BTA204X-600D
Descripción Electrónicos  Three quadrant triacs guaranteed commutation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA204X-600D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BTA204X-600D Datasheet HTML 2Page - NXP Semiconductors BTA204X-600D Datasheet HTML 3Page - NXP Semiconductors BTA204X-600D Datasheet HTML 4Page - NXP Semiconductors BTA204X-600D Datasheet HTML 5Page - NXP Semiconductors BTA204X-600D Datasheet HTML 6Page - NXP Semiconductors BTA204X-600D Datasheet HTML 7Page - NXP Semiconductors BTA204X-600D Datasheet HTML 8Page - NXP Semiconductors BTA204X-600D Datasheet HTML 9Page - NXP Semiconductors BTA204X-600D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
BTA204X_SER_D_E_F
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 3 November 2011
6 of 13
NXP Semiconductors
BTA204X series D, E and F
Three quadrant triacs guaranteed commutation
7.
Static characteristics
Table 6.
Static characteristics
Tj =25 C unless otherwise specified.
Symbol
Parameter
Conditions
BTA204X-600D
BTA204X-600E
BTA204X-600F
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IGT
gate trigger
current
VD =12V;
IT =0.1 A;
Figure 8
T2+ G+
-
-
5
-
-10-
-25
mA
T2+ G
-
-
5
-
-10-
-25
mA
T2
 G
-
-
5
-
-10-
-25
mA
IL
latching current
VD =12V;
IGT =0.1 A;
Figure 10
T2+ G+
-
-
6
-
-12-
-20
mA
T2+ G
-
-
9
-
-18-
-30
mA
T2
 G
-
-
6
-
-12-
-20
mA
IH
holding current
VD =12V;
IGT =0.1 A;
Figure 11
-
-
6
-
-12-
-20
mA
VT
on-state voltage IT =5A;
Figure 9
-
1.4
1.7
-
1.4
1.7
-
1.4
1.7
V
VGT
gate trigger
voltage
VD =12V;
IT =0.1 A;
Figure 7
-
0.7
1.5
-
0.7
1.5
-
0.7
1.5
V
VD = 400 V;
IT =0.1 A;
Tj =125 C
0.25
0.4
-
0.25
0.4
-
0.25
0.4
-
V
ID
off-state
leakage current
VD =VDRM(max);
Tj =125 C
-
0.1
0.5
-
0.1
0.5
-
0.1
0.5
mA


Número de pieza similar - BTA204X-600D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BTA204X-600D PHILIPS-BTA204X-600D Datasheet
120Kb / 13P
   Three quadrant triacs guaranteed commutation
Rev. 5-3 November 2011
BTA204X-600D PHILIPS-BTA204X-600D Datasheet
53Kb / 7P
   Three quadrant triacs guaranteed commutation
December 1998 Rev 1.000
logo
WeEn Semiconductors
BTA204X-600D WEEN-BTA204X-600D Datasheet
284Kb / 13P
   3Q Hi-Com Triac
More results

Descripción similar - BTA204X-600D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BTA208 PHILIPS-BTA208 Datasheet
18Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.200
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs guaranteed commutation
September 1997 Rev 1.200
BTA216 PHILIPS-BTA216 Datasheet
43Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.100
BTA208SD PHILIPS-BTA208SD Datasheet
50Kb / 6P
   Three quadrant triacs guaranteed commutation
February 2000 Rev 1.000
BTA208X PHILIPS-BTA208X Datasheet
49Kb / 7P
   Three quadrant triacs guaranteed commutation
October 1999
BTA212 PHILIPS-BTA212 Datasheet
44Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1997 Rev 1.000
BTA204XD PHILIPS-BTA204XD Datasheet
53Kb / 7P
   Three quadrant triacs guaranteed commutation
December 1998 Rev 1.000
BTA216BD PHILIPS-BTA216BD Datasheet
49Kb / 6P
   Three quadrant triacs guaranteed commutation
February 2000 Rev 1.000
logo
WeEn Semiconductors
BTA216-600D WEEN-BTA216-600D Datasheet
404Kb / 8P
   Three quadrant triacs guaranteed commutation
logo
NXP Semiconductors
BTA216X PHILIPS-BTA216X Datasheet
48Kb / 5P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.000
BTA208S PHILIPS-BTA208S Datasheet
22Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com